Electronic Components Datasheet Search
  English  ▼

X  

TC75S55F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC75S55F
Description  Single Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC75S55F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC75S55F Datasheet HTML 1Page - Toshiba Semiconductor TC75S55F Datasheet HTML 2Page - Toshiba Semiconductor TC75S55F Datasheet HTML 3Page - Toshiba Semiconductor TC75S55F Datasheet HTML 4Page - Toshiba Semiconductor TC75S55F Datasheet HTML 5Page - Toshiba Semiconductor TC75S55F Datasheet HTML 6Page - Toshiba Semiconductor TC75S55F Datasheet HTML 7Page - Toshiba Semiconductor TC75S55F Datasheet HTML 8Page - Toshiba Semiconductor TC75S55F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TC75S55F/FU/FE
2007-11-01
2
Marking (top view)
Pin Connection (top view)
Electrical Characteristics
DC Characteristics (VDD = 3.0 V, VSS = GND, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input offset voltage
VIO
1
RS = 10 kΩ
⎯
2
10
mV
Input offset current
IIO
⎯
⎯
⎯
1
⎯
pA
Input bias current
II
⎯
⎯
⎯
1
⎯
pA
Common mode input voltage
CMVIN
2
⎯
0.0
⎯
2.1
V
Voltage gain (open loop)
GV
⎯
⎯
60
70
⎯
dB
VOH
3
RL >= 1 MΩ
2.9
⎯
⎯
Maximum output voltage
VOL
4
RL >= 1 MΩ
⎯
⎯
0.1
V
Common mode input signal
Rejection Ratio
CMRR
2
VIN = 0.0~2.1 V
60
70
⎯
dB
Supply voltage rejection ratio
SVRR
1
VDD = 1.8~7.0 V
60
70
⎯
dB
Supply current
IDD
5
⎯
⎯
10
20
μA
Source current
Isource
6
⎯
10
20
⎯
μA
Sink current
Isink
7
⎯
100
450
⎯
μA
DC Characteristics (VDD = 1.8 V, VSS = GND, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input offset voltage
VIO
1
RS = 100 kΩ
⎯
2
10
mV
Input offset current
IIO
⎯
⎯
⎯
1
⎯
pA
Input bias current
II
⎯
⎯
⎯
1
⎯
pA
Common mode input voltage
CMVIN
2
⎯
0.0
⎯
0.9
V
Voltage gain (open loop)
GV
⎯
⎯
60
70
⎯
dB
VOH
3
RL >= 1 MΩ
1.7
⎯
⎯
Maximum output voltage
VOL
4
RL >= 1 MΩ
⎯
⎯
0.1
V
Supply current
IDD
5
⎯
⎯
8
16
μA
Source current
Isource
6
⎯
8
16
⎯
μA
Sink current
Isink
7
⎯
100
400
⎯
μA
S F
4
5
3
1
2
VDD
5
IN (
−)
4
1
3
VSS
2
OUT
IN (
+)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com