Electronic Components Datasheet Search
  English  ▼

X  

AD4080BBCZ-RL Datasheet(PDF) 83 Page - Analog Devices

Part # AD4080BBCZ-RL
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ-RL Datasheet(HTML) 83 Page - Analog Devices

Back Button AD4080BBCZ-RL Datasheet HTML 79Page - Analog Devices AD4080BBCZ-RL Datasheet HTML 80Page - Analog Devices AD4080BBCZ-RL Datasheet HTML 81Page - Analog Devices AD4080BBCZ-RL Datasheet HTML 82Page - Analog Devices AD4080BBCZ-RL Datasheet HTML 83Page - Analog Devices AD4080BBCZ-RL Datasheet HTML 84Page - Analog Devices AD4080BBCZ-RL Datasheet HTML 85Page - Analog Devices AD4080BBCZ-RL Datasheet HTML 86Page - Analog Devices AD4080BBCZ-RL Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 94 page
background image
Data Sheet
AD4080
CONFIGURATION REGISTERS
analog.com
Rev. A | 83 of 94
ADC Data Interface Configuration A Register
Address: 0x15, Reset: 0x40, Name: ADC_DATA_INTF_CONFIG_A
Figure 125. ADC Data Interface Configuration A Register
Table 48. Bit Descriptions for ADC_DATA_INTF_CONFIG_A
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved. Write 0b0 to this bit.
0x0
R
6
RESERVED
Reserved. Always set this bit to 1.
0x1
R/W
5
RESERVED
Reserved. Write 0b0 to this bit.
0x0
R
4
INTF_CHK_EN
Output Fixed Test Pattern on ADC Data Interface (LVDS Only). ADC output is not available when this mode is
enabled. Fixed pattern = 20'b1010 1100 0101 1101 0110 (0xAC5D6).
0x0
R/W
0: Test Pattern Disabled.
1: Test Pattern Enabled.
3
RESERVED
Reserved. Write 0b0 to this bit.
0x0
R
2
SPI_LVDS_LANES
LVDS/SPI Lane Control. Determines the number of lanes that the ADC conversion data is clocked out on.
0x0
R/W
0: One Lane Active.
1: Multiple Lanes Active (Two for LVDS and Four for the SPI Data Interface).
1
RESERVED
Reserved. Write 0b0 to this bit.
0x0
R
0
DATA_INTF_MODE
Read Conversion Data Over SPI or LVDS. Acts as global LVDS enable, setting this bit to 1 powers down the
LVDS transmitters/receivers.
0x0
R/W
0: Data Read Back Over LVDS.
1: Data Read Back Over SPI Data Interface (DCS/DCLK). CLK+ is repurposed as the SPI data interface clock
(DCLK) for reading FIFO data, and CLK− is repurposed as the SPI chip select (DCS) for reading FIFO data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com