| Electronic Components Datasheet Search |
|
ADAQ4224BBCZ Datasheet(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAQ4224BBCZ Datasheet(HTML) 2 Page - Analog Devices |
|
2 / 68 page ![]() Data Sheet ADAQ4224 TABLE OF CONTENTS analog.com Rev. A | 2 of 68 Features................................................................ 1 Applications........................................................... 1 Functional Block Diagram......................................1 General Description...............................................3 Specifications........................................................ 4 Timing Specifications......................................... 8 Absolute Maximum Ratings.................................13 Thermal Resistance......................................... 13 Electrostatic Discharge (ESD) Ratings.............13 ESD Caution.....................................................13 Pin Configurations and Function Descriptions.....14 Typical Performance Characteristics................... 16 Terminology......................................................... 29 Theory of Operation.............................................30 Overview.......................................................... 30 Transfer Function............................................. 30 Signal Chain Operation.................................... 31 Digital Sample Processing Features................ 31 Temperature Sensor Operation........................ 32 Applications Information...................................... 36 Typical Application Diagram............................. 36 Reference Circuitry Design.............................. 41 ADC Reset....................................................... 42 Power Supplies................................................ 42 Serial Interface.................................................... 44 SPI Signals.......................................................44 Sample Conversion Timing and Data Transfer.......................................................... 46 Clocking Modes ...............................................47 Data Clocking Requirements and Timing.........50 Layout Guidelines................................................55 Registers............................................................. 56 Register Details................................................... 57 Interface Configuration A Register................... 57 Interface Configuration B Register................... 57 Device Configuration Register..........................58 Chip Type Register...........................................58 Product ID Low Register.................................. 58 Product ID High Register..................................58 Chip Grade Register.........................................59 Scratch Pad Register....................................... 59 SPI Revision Register...................................... 59 Vendor ID Low Register................................... 60 Vendor ID High Register...................................60 Stream Mode Register..................................... 60 Interface Status A Register.............................. 60 EXIT Configuration Mode Register...................61 Averaging Mode Register.................................61 Offset Registers................................................61 Gain Registers..................................................62 Modes Register................................................ 63 Internal Oscillator Register............................... 63 Output Driver Register......................................64 Test Pattern Registers...................................... 64 Digital Diagnostics Register............................. 65 Digital Errors Register...................................... 65 Temperature Sensor Registers............................66 Temperature Sensor Register Details..................67 Configuration and Status Register................... 67 Outline Dimensions............................................. 68 Ordering Guide.................................................68 Evaluation Boards............................................ 68 REVISION HISTORY 5/2025—Rev. 0 to Rev. A Changes to Features Section.......................................................................................................................... 1 Changes to General Description Section.........................................................................................................3 Changes to Table 1..........................................................................................................................................4 Changes to Figure 12.................................................................................................................................... 14 Changes to Typical Performance Characteristics Section............................................................................. 16 Added Figure 66; Renumbered Sequentially................................................................................................. 24 Added Figure 80 to Figure 84........................................................................................................................ 27 Moved Figure 85............................................................................................................................................ 28 Changes to Spurious-Free Dynamic Range (SFDR) Section........................................................................ 29 Changes to Total Harmonic Distortion (THD) Section....................................................................................29 Changes to Signal-to-Noise Ratio (SNR) Section..........................................................................................29 Changes to Signal-to-Noise-and-Distortion (SINAD) Ratio Section...............................................................29 9/2024—Revision 0: Initial Version |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |