Electronic Components Datasheet Search
  English  ▼

X  

ADBMS6821 Datasheet(PDF) 20 Page - Analog Devices

Part # ADBMS6821
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6821 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADBMS6821 Datasheet HTML 16Page - Analog Devices ADBMS6821 Datasheet HTML 17Page - Analog Devices ADBMS6821 Datasheet HTML 18Page - Analog Devices ADBMS6821 Datasheet HTML 19Page - Analog Devices ADBMS6821 Datasheet HTML 20Page - Analog Devices ADBMS6821 Datasheet HTML 21Page - Analog Devices ADBMS6821 Datasheet HTML 22Page - Analog Devices ADBMS6821 Datasheet HTML 23Page - Analog Devices ADBMS6821 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
THEORY OF OPERATION
analog.com
Rev. B | 20 of 28
to the ready state to cause the XCVRMD pin state to be detected.
For more information, see the Idle Mode and Wake-Up Detection
section.
Table 21. XCVRMD Pin Transceiver Modes
Description
XCVRMD Pin Connection
Standard Bidirectional isoSPI
GND
Standard Bidirectional isoSPI with LPCM Timeout
Monitor Support
20 kΩ resistor to GND
4 Mbps Unidirectional
100 kΩ resistor to GND
2 Mbps with 1-Bit Latency
VDDS
Standard Bidirectional isoSPI
This is the normal communication mode. When the transceiver is
configured in controller mode, it can send and receive communica-
tion at up to 2 Mbps when communicating with ADBMS devices
that support 2 Mbps communication. Otherwise, the transceiver can
send and receive communication at up to 1 Mbps when configured
in either controller or peripheral mode.
Standard Bidirectional isoSPI with LPCM
Timeout Monitor Support
In this mode, when the transceiver is configured in controller mode,
it behaves the same as the standard bidirectional isoSPI mode.
When the transceiver is configured in peripheral mode, it can
receive communication at 2 Mbps, but it does not transmit any
data back to the isoSPI port. The transceiver still receives the data
and decodes it onto the SPI port. When in peripheral mode, the
LPCM feature is enabled, and the device transitions to the listen
state while waiting for heartbeat messages to set the INTR pin
appropriately.
4 Mbps Unidirectional
In this mode, when the transceiver is configured in controller mode,
it can send isoSPI data at up to 4 Mbps. The transceiver does
not receive nor decode isoSPI data when configured in controller
mode. When the transceiver is configured in peripheral mode, it
can receive and decode isoSPI data at up to 4 Mbps. It does not
transmit isoSPI data when configured in peripheral mode.
2 Mbps with 1-Bit Latency
In this mode, the peripheral can operate at 2 Mbps. To achieve
the 2 Mbps rate, the transceiver configured in peripheral mode
transmits the data back from the latching edge of its clock (SCK)
instead of the nonlatching edge. Also, it does not send back data
after receiving a long CS −1 pulse that causes its CS to transition to
logic low.
ISOSPI STATE DIAGRAM
Figure 38 shows the state diagram for isoSPI communications. Dur-
ing periods of no communication, a low-current idle state reduces
power. In the idle state, the ADBMS6821/ADBMS6822 transceivers
shut down most of the circuitry.
In the ready state, all circuitry is enabled and ready to transmit or
receive, but there is no active data transmission on IP and IM.
Supply current increases when actively communicating. Thus, this
condition is referred to as the active state.
Figure 38. isoSPI State Diagram
POWER SUPPLIES
The ADBMS6821/ADBMS6822 transceivers have three power sup-
plies: VDDS, VDD, and VP. VDDS powers the SPI. Connect VDDS
to the same power supply as the SPI to which the SPI bus is
connected. In many cases, that supply is the interface power supply
of a microcontroller. The SPI can operate across the VDDS range of
1.7 V to 5.5 V.
VDDS also supports functions on the MSTR, PHAPOL, and
XCVRMD pins. When VDDS is powered down, the transceiver is
set to peripheral mode. The states of the PHAPOL and XCVRMD
configurations are maintained from the last VDDS power-up.
VDD powers the isoSPI. When actively communicating over isoSPI,
VDD must be in the range of 3 V to 5.5 V. Put a bypass capacitor
of at least 1 µF as close as possible to the VDD pin to maintain
reliable isoSPI communication.
VP powers portions of the transceiver when in LPCM timeout
monitor mode, which allows both VDDS and VDD to be powered
down while maintaining LPCM timeout monitor functionality. VP can
be connected directly to 12 V battery power. If VDD is powered
down, VP must be >6 V to function in LPCM timeout monitor mode.
If high voltage LPCM power is not required, connect VP to VDD.
In this configuration, LPCM timeout monitor mode works over the
whole VDD range.
SUPPLY CURRENT
Table 22 provides equations for estimating IVDD/VP in each state.
The results are for average supply current (as opposed to peak
currents), and assume that a peripheral is returning an equal
number of 0s and 1s. A transceiver configured as a peripheral does
not generate +1 data pulses. Therefore, the average driver current
is less than a transceiver configured as a controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com