Electronic Components Datasheet Search
  English  ▼

X  

ADBMS1818ASWZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADBMS1818ASWZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADBMS1818ASWZ Datasheet HTML 23Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 24Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 25Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 26Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 27Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 28Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 29Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 30Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 27 of 92
ADC OPERATION
There are three ADCs inside the ADBMS1818. The three ADCs
operate simultaneously when measuring 18 cells. Only one ADC is
used to measure the general-purpose inputs. This section uses the
term ADC to refer to one or all ADCs, depending on the operation
being performed. This section refers to ADC1, ADC2, and ADC3
when it is necessary to distinguish between the three circuits, such
as in the timing diagrams.
ADC Modes
The ADCOPT bit (CFGAR0, Bit 0) in Configuration Register Group
A and the mode selection bits, MD, Bits[1:0], in the conversion
command together provide eight modes of operation for the ADC
which correspond to different oversampling ratios (OSRs). The
accuracy and timing of these modes are summarized in Table 19. In
each mode, the ADC first measures the inputs and then performs a
calibration of each channel. The names of the modes are based on
the –3 dB bandwidth of the ADC measurement.
Mode 7 kHz (normal): In this mode, the ADC has high resolution
and low TME. This mode is considered the normal operating mode
because of the optimum combination of speed and accuracy.
Mode 27 kHz (fast): In this mode, the ADC has maximum through-
put but has some increase in TME. Therefore, this mode is also
referred to as the fast mode. The increase in speed comes from a
reduction in the OSR. This increase results in an increase in noise
and average measurement error.
Mode 26 Hz (filtered): In this mode, the ADC digital filter –3 dB
frequency is lowered to 26 Hz by increasing the OSR. This mode is
also referred to as the filtered mode due to its low –3 dB frequency.
The accuracy is similar to the 7 kHz (normal) mode with lower
noise.
Modes 14 kHz, 3 kHz, 2 kHz, 1 kHz, and 422 Hz: Modes 14 kHz, 3
kHz, 2 kHz, 1 kHz, and 422 Hz provide additional options to set the
ADC digital filter –3 dB at 13.5 kHz, 3.4 kHz, 1.7 kHz, 845 Hz, and
422 Hz, respectively. The accuracy of the 14 kHz mode is similar to
the 27 kHz (fast) mode. The accuracy of the 3 kHz, 2 kHz, 1 kHz,
and 422 Hz modes is similar to the 7 kHz (normal) mode.
The filter bandwidths and the conversion times for these modes
are provided in Table 19. If the core is in the standby state,
an additional tREFUP time is required to power up the reference
before beginning the ADC conversions. The reference can remain
powered up between ADC conversions if the REFON bit in Configu-
ration Register Group A is set to 1 so that the core is in REFUP
state after delay tREFUP. The subsequent ADC commands do not
have the tREFUP delay before beginning ADC conversions.
Table 19. ADC Filter Bandwidth and Accuracy
Mode
–3 dB Filter BW
–40 dB Filter BW
TME Specification at 3.3 V,
25°C
TME Specification at
3.3 V, –40°C, +85°C
(ADBMS1818CSWAZ, +125°C)
27 kHz (Fast Mode)
27 kHz
84 kHz
±8.5 mV
±8.5 mV
14 kHz
13.5 kHz
42 kHz
±8.5 mV
±8.5 mV
7 kHz (Normal Mode)
6.8 kHz
21 kHz
±3 mV
±4 mV
3 kHz
3.4 kHz
10.5 kHz
±3 mV
±4 mV
2 kHz
1.7 kHz
5.3 kHz
±3 mV
±4 mV
1 kHz
845 Hz
2.6 kHz
±3 mV
±4 mV
422 Hz
422 Hz
1.3 kHz
±3 mV
±4 mV
26 Hz (Filtered Mode)
26 Hz
82 Hz
±2.2 mV
±3.0 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com