Electronic Components Datasheet Search
  English  ▼

X  

IRGPC50S Datasheet(PDF) 1 Page - International Rectifier

Part # IRGPC50S
Description  Fit Rate / Equivalent Device Hours
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC50S Datasheet(HTML) 1 Page - International Rectifier

  IRGPC50S Datasheet HTML 1Page - International Rectifier IRGPC50S Datasheet HTML 2Page - International Rectifier IRGPC50S Datasheet HTML 3Page - International Rectifier IRGPC50S Datasheet HTML 4Page - International Rectifier IRGPC50S Datasheet HTML 5Page - International Rectifier IRGPC50S Datasheet HTML 6Page - International Rectifier IRGPC50S Datasheet HTML 7Page - International Rectifier IRGPC50S Datasheet HTML 8Page - International Rectifier IRGPC50S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Quarterly Reliability Report
for
T0247 / T0220 Products Manufactured at
IRGB
IGBT / CoPack
ISSUE.3.
October 1997
IGBT / CoPack
Quarterly Reliability Report
Page 1 of 35


Similar Part No. - IRGPC50S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPC50S IRF-IRGPC50S Datasheet
259Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=41A)
More results

Similar Description - IRGPC50S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5432 STMICROELECTRONICS-STLC5432 Datasheet
391Kb / 46P
2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
Jul-1996
logo
Hammond Manufacturing L...
1584C6TW20 HAMMOND-1584C6TW20 Datasheet
225Kb / 1P
SJT or Equivalent, 12/3 Wire
logo
Texas Instruments
SE5534JGB TI-SE5534JGB Datasheet
541Kb / 20P
Equivalent Input Noise Voltage
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
Low Impedance 2000 hours
104NPS050M ILLINOISCAPACITOR-104NPS050M_16 Datasheet
197Kb / 2P
Bi-Polar 1000 hours
104SMH050M ILLINOISCAPACITOR-104SMH050M_16 Datasheet
224Kb / 2P
General Purpose 1000 hours
logo
Micross Components
AS10515F16MIL MICROSS-AS10515F16MIL Datasheet
169Kb / 4P
Military Equivalent Screening
logo
STANLEY ELECTRIC CO.,LT...
VTAN1111C-TR STANLEY-VTAN1111C-TR Datasheet
579Kb / 22P
Equivalent to JEDEC MSL3
VCEW1151CCS-TR STANLEY-VCEW1151CCS-TR Datasheet
675Kb / 25P
Equivalent to JEDEC Level 2a
logo
First Silicon Co., Ltd
FMMT493 FS-FMMT493 Datasheet
606Kb / 3P
Low equivalent on-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com