Electronic Components Datasheet Search
  English  ▼

X  

AB78 Datasheet(PDF) 1 Page - Multicomp Pro

Part # AB78
Description  Multipurpose PCB Guides AB Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

AB78 Datasheet(HTML) 1 Page - Multicomp Pro

  AB78 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
22/01/21
Multipurpose PCB Guides
AB Series
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Features
•   Three versatile and attractive boxes in ABS with a matt finish. Their rugged yet simple features make them unobtrusive 
and ideal for domestic, commercial and office applications 
•  The lid is retained by 4 self tapping screws which can be inserted from either side and can be hidden by the matching
plastic covers provided
•   Vertical printed circuit board slots and integral stand offs are provided in both halves of the box. Vertical PCB guides and 
bosses moulded in lid and base of box
Diagram
Specification Table
Colour
External Dimensions
Nominal Wall
Thickness
Part Number
Height (H)
Width (W)
Depth (D)
Black
55mm
178mm
122mm
3mm
AB78
74mm
AB88
White
55mm
AB78W
74mm
AB88W


Similar Part No. - AB78

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
AB78 MULTICOMP-AB78 Datasheet
257Kb / 1P
Multipurpose PCB Boxes
09/03/21 V1.0
AB78W MULTICOMP-AB78W Datasheet
257Kb / 1P
Multipurpose PCB Boxes
09/03/21 V1.0
More results

Similar Description - AB78

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G238 ETC2-G238 Datasheet
192Kb / 1P
Multipurpose Enclosure
logo
EDAC, All Rights Reserv...
616-220-301 EDAC-616-220-301 Datasheet
70Kb / 1P
Uni-Guides Series Edgeboard Connector Uni-Guides
APR, 17/1997
616-220-303 EDAC-616-220-303 Datasheet
70Kb / 1P
Uni-Guides Series Edgeboard Connector Uni-Guides
APR, 17/1997
616-220-304 EDAC-616-220-304 Datasheet
70Kb / 1P
Uni-Guides Series Edgeboard Connector Uni-Guides
APR, 17/1997
616-220-306 EDAC-616-220-306 Datasheet
71Kb / 1P
Uni-Guides Series Edgeboard Connector Uni-Guides
APR, 17/1997
616-220-307 EDAC-616-220-307 Datasheet
71Kb / 1P
Uni-Guides Series Edgeboard Connector Uni-Guides
APR, 17/1997
616-220-310 EDAC-616-220-310 Datasheet
68Kb / 1P
Uni-Guides Series Edgeboard Connector Uni-Guides
APR, 17/1997
616-220-311 EDAC-616-220-311 Datasheet
68Kb / 1P
Uni-Guides Series Edgeboard Connector Uni-Guides
APR, 17/1997
616-220-312 EDAC-616-220-312 Datasheet
68Kb / 1P
Uni-Guides Series Edgeboard Connector Uni-Guides
APR, 17/1997
616-220-313 EDAC-616-220-313 Datasheet
71Kb / 1P
Uni-Guides Series Edgeboard Connector Uni-Guides
APR, 17/1997
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com