Electronic Components Datasheet Search
  English  ▼

X  

112CP Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 112CP
Description  Combined Pressure & Temperature Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

112CP Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  112CP Datasheet HTML 1Page - Sensata Technologies, Inc. 112CP Datasheet HTML 2Page - Sensata Technologies, Inc. 112CP Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
| 112CP SERIES
Combined Pressure & Temperature Sensor
SPECIFICATIONS
Features
Introduction
Aplications
• Pressure and temperature measurement in one package
• Fast, in-stream temperature measurement
• Precise superheat measurement
The 112CP series combined pressure and temperature sensors delivers the benefit of both pressure and instream temperature sensing in a single,
robust integrated package.
Sensata Technologies has been a leading global supplier of pressure sensors and switches for over 50 years.
• Air conditioning & refrigeration
• Alternative energy management
• Engine controls & monitors
• Compressors & pumps
Pressure Ranges
0 to 150 psi through 0 to 650 psi
Pressure Accuracy
±0.8% F.S. (linearity, hysteresis, repeatability and calibration)
Total Error Band
±1.7% F.S. (0°C to +85°C)
Proof Pressure
≥ 2X
Burst Pressure
≥ 3X
Temperature Accuracy
±1% (delta R/R)
Resistance @ 25°C
10K or 100 ohms
Operating Temperature
-40°C to 135°C
Suppy Voltage (VCC)
4.5 to 5.5 VDC
Output Voltage
0.5 to 4.5 VDC
Supply Current
0.5 to 4.5 VDC
Output Current
8.0 mA
Output Load Range
10K to 50K ohms
Overvoltage Protection
16 VDC
Reverse Voltage Protection
-14 VDC
Output Response Time
10mS


Similar Part No. - 112CP

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
112C-TXAR-R02 ATTEND-112C-TXAR-R02 Datasheet
593Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 112C-TXAR-R02.
2012/10/25
logo
International Rectifier
112CNQ030A IRF-112CNQ030A Datasheet
193Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
112CNQ030A VISHAY-112CNQ030A Datasheet
115Kb / 6P
Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
16-Aug-08
112CNQ030A VISHAY-112CNQ030A Datasheet
159Kb / 9P
Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
16-Apr-10
logo
International Rectifier
112CNQ030APBF IRF-112CNQ030APBF Datasheet
173Kb / 7P
SCHOTTKY RECTIFIER
More results

Similar Description - 112CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPTA0020 ETC2-HPTA0020 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
HPTA0040 ETC2-HPTA0040 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
HPTA0100 ETC2-HPTA0100 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
HPTA0200 ETC2-HPTA0200 Datasheet
199Kb / 3P
High Temperature Pressure Sensor
HPTA0700 ETC2-HPTA0700 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
HPTA1000 ETC2-HPTA1000 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
HPTA2000 ETC2-HPTA2000 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
HPTA4000 ETC2-HPTA4000 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
logo
Bosch Sensortec GmbH
BME280 BOSCH-BME280 Datasheet
1Mb / 55P
Combined humidity and pressure sensor
logo
Vaisala
PTU300 VAISALA-PTU300 Datasheet
5Mb / 5P
Combined Pressure, Humidity and Temperature Transmitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com