Electronic Components Datasheet Search
  English  ▼

X  

PAC5255 Datasheet(PDF) 39 Page - Qorvo, Inc

Part # PAC5255
Description  Power Application Controller®
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

PAC5255 Datasheet(HTML) 39 Page - Qorvo, Inc

Back Button PAC5255 Datasheet HTML 35Page - Qorvo, Inc PAC5255 Datasheet HTML 36Page - Qorvo, Inc PAC5255 Datasheet HTML 37Page - Qorvo, Inc PAC5255 Datasheet HTML 38Page - Qorvo, Inc PAC5255 Datasheet HTML 39Page - Qorvo, Inc PAC5255 Datasheet HTML 40Page - Qorvo, Inc PAC5255 Datasheet HTML 41Page - Qorvo, Inc PAC5255 Datasheet HTML 42Page - Qorvo, Inc PAC5255 Datasheet HTML 43Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
PAC5255
Power Application Controller
Data Sheet Rev. 2.3, May 8, 2020
Subject to change without notice
39 of 77
www.qorvo.com
®
Table 11-4 Phase Comparator (PHC) Electrical Characteristics
(VSYS = VCCIO = 5V, VCC33 = 3.3V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ICC;PHC
Operating supply current
Each enabled comparator
35
110
µA
VICMR;PHC
Input common mode range
0
VSYS
V
VOS;PHC
Input offset voltage
VPHCx = 2.5V, TA = 25°C
-10
10
mV
VHYS;PHC
Hysteresis
23
mV
IIN;PHC
Input current
0
1
µA
tDEL;PHC
Comparator delay(1)
0.1
µs
(1) Guaranteed by design.
Table 11-5 Protection Comparator (PCMP) Electrical Characteristics
(VSYS = VCCIO = 5V, VCC33 = 3.3V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ICC;PCMP
Operating supply current
Each enabled comparator
35
100
µA
VICMR;PCMP
Input common mode range
0.3
VSYS -1
V
VOS;PCMP
Input offset voltage
VPCMPx = 2.5V, TA = 25°C
-10
10
mV
VHYS;PCMP
Hysteresis
20
mV
IIN;PCMP
Input current
0
1
µA
tDEL;PCMP
Comparator delay (1)
0.1
µs
(1) Guaranteed by design.
Table 11-6 Analog Output Buffer (BUF) Electrical Characteristics
(VSYS = VCCIO = 5V, VCC33 = 3.3V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ICC;BUF
Operating supply current
No load
35
100
µA
VICMR;BUF
Input common mode range
0.05
3.5
V
VOLR;AMP
Output linear range
0.1
3.5
V
VOS;BUF
Offset voltage
VBUF = 2.5V, TA = 25°C
-18
18
mV
IOMAX
Maximum output current
CL = 0.1nF
0.8
1.3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com