Electronic Components Datasheet Search
  English  ▼

X  

BMP388 Datasheet(PDF) 52 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 52 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 48Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 49Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 50Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 51Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 52Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 53Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 54Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 55Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 56Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
Bosch Sensortec | BMP388 Datasheet
52 | 59
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BMP388-DS001-07 Revision_1.7_112020
7.5.
Tape and reel specification
7.5.1. Dimensions
Figure 28: Tape and Reel dimensions
Quantity per reel: 10 kpcs.
7.5.2. Orientation within the reel
The orientation of the sensor placement inside the tape on reel can be found below.
Figure 29: Orientation within tape
7.6.
Mounting and assembly recommendations
In addition to “Handling, soldering & mounting instructions BMP38x”, the following recommendations should be taken into
consideration when mounting a pressure sensor on a printed-circuit board (PCB):
•
The clearance above the metal lid shall be 0.1mm at minimum.
•
For the device housing appropriate venting needs to be provided in case the ambient pressure shall be measured.
•
Liquids shall not come into direct contact with the device.
•
During operation the sensor chip is sensitive to light, which can influence the accuracy of the measurement (photo-
current of silicon). The position of the vent hole minimizes the light exposure of the sensor chip. Nevertheless, BST
recommends to avoid the exposure of BMP388 to strong light sources.
•
Soldering must not be done using vapor phase processes since the sensor might be damaged.
Port hole
Tape: top side
Cover tape foil
Carrier
Pocket
Sprocket hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com