Electronic Components Datasheet Search
  English  ▼

X  

ARC242 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ARC242
Description  Array chip resistors size 4 X 0603
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARC242 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ARC242 Datasheet HTML 1Page - List of Unclassifed Manufacturers ARC242 Datasheet HTML 2Page - List of Unclassifed Manufacturers ARC242 Datasheet HTML 3Page - List of Unclassifed Manufacturers ARC242 Datasheet HTML 4Page - List of Unclassifed Manufacturers ARC242 Datasheet HTML 5Page - List of Unclassifed Manufacturers ARC242 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
Array chip resistors
size 4
× 0603
ARC241/ARC242
ARV241/ARV242
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal
resistance are taken from the
E24 or E96 series for resistors
with a tolerance of
±5% or ±1%.
The values of the E24/E96 series
are in accordance with
“IEC publication 60063”.
Limiting values
Note
1. This is the maximum voltage that
may be continuously applied to
the resistor element, see
“IEC publication 60115-8”.
TYPE
LIMITING
VOLTA GE(1)
(V)
LIMITING
POWER
(W)
ARC241
50
0.063
ARC242
ARV241
ARV242
DERATING
The power that the resistor can dissipate depends on the operating ambient
temperature; see Fig.2.
handbook, 4 columns
70
100
50
0
0
50
100
155
CCB412
−55
Tamb (°C)
Pmax
(%Prated)
Fig.2
Maximum dissipation (Pmax) in percentage of rated power as
a function of the operating ambient temperature (Tamb).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com