Electronic Components Datasheet Search
  English  ▼

X  

74ACT16240 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT16240
Description  16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

74ACT16240 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT16240 Datasheet HTML 1Page - Texas Instruments 74ACT16240 Datasheet HTML 2Page - Texas Instruments 74ACT16240 Datasheet HTML 3Page - Texas Instruments 74ACT16240 Datasheet HTML 4Page - Texas Instruments 74ACT16240 Datasheet HTML 5Page - Texas Instruments 74ACT16240 Datasheet HTML 6Page - Texas Instruments 74ACT16240 Datasheet HTML 7Page - Texas Instruments 74ACT16240 Datasheet HTML 8Page - Texas Instruments 74ACT16240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN54ACT16240, 74ACT16240
16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCAS137C – JULY 1989 – REVISED NOVEMBER 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Members of the Texas Instruments
Widebus
™ Family
D Inputs Are TTL-Voltage Compatible
D 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
D Flow-Through Architecture Optimizes
PCB Layout
D Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
D EPIC ™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Packages Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Spacings
description
The SN54ACT16240 and 74ACT16240 are 16-bit
buffers or line drivers designed specifically to
improve both the performance and density of
3-state memory address drivers, clock drivers,
and bus-oriented receivers and transmitters. The
devices can be used as four 4-bit buffers, two 8-bit
buffers, or one 16-bit buffer. These devices
provide
inverting
outputs
and
symmetrical
active-low output-enable (OE) inputs.
The 74ACT16240 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit-board area.
The SN54ACT16240 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The 74ACT16240 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each section)
INPUTS
OUTPUT
OE
A
Y
L
H
L
L
LH
H
X
Z
Copyright
© 1996, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC and Widebus are trademarks of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Y1
1Y2
GND
1Y3
1Y4
VCC
2Y1
2Y2
GND
2Y3
2Y4
3Y1
3Y2
GND
3Y3
3Y4
VCC
4Y1
4Y2
GND
4Y3
4Y4
4OE
2OE
1A1
1A2
GND
1A3
1A4
VCC
2A1
2A2
GND
2A3
2A4
3A1
3A2
GND
3A3
3A4
VCC
4A1
4A2
GND
4A3
4A4
3OE
SN54ACT16240 . . . WD PACKAGE
74ACT16240 . . . DL PACKAGE
(TOP VIEW)


Similar Part No. - 74ACT16240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16240 TI-74ACT16240 Datasheet
107Kb / 6P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
83Kb / 6P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
74ACT16240 TI1-74ACT16240 Datasheet
514Kb / 12P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ACT16240DL TI-74ACT16240DL Datasheet
107Kb / 6P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT16240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16540 TI-SN54AHC16540 Datasheet
116Kb / 7P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16541 TI-SN54AHC16541 Datasheet
116Kb / 7P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541 Datasheet
97Kb / 6P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT16240A TI-SN54ABT16240A_07 Datasheet
364Kb / 15P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541_07 Datasheet
332Kb / 12P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16244 RENESAS-HD74ALVCH16244_15 Datasheet
151Kb / 11P
16-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16540 TI1-SN54ABT16540_09 Datasheet
306Kb / 9P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244 TI1-SN54ABTH16244_14 Datasheet
537Kb / 14P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com