Electronic Components Datasheet Search
  English  ▼

X  

ADS830 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS830
Description  8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS830 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS830 Datasheet HTML 6Page - Texas Instruments ADS830 Datasheet HTML 7Page - Texas Instruments ADS830 Datasheet HTML 8Page - Texas Instruments ADS830 Datasheet HTML 9Page - Texas Instruments ADS830 Datasheet HTML 10Page - Texas Instruments ADS830 Datasheet HTML 11Page - Texas Instruments ADS830 Datasheet HTML 12Page - Texas Instruments ADS830 Datasheet HTML 13Page - Texas Instruments ADS830 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADS830
10
SBAS086A
REFT
+3.0V
ADS830
CMV
+2.5V
REFB
+2.0V
R
1
1k
Ω
R
2
1k
Ω
0.1µF
0.1µF
2.2µF
+
2.2µF
+
the resistive reference ladder. The bandgap reference circuit
includes logic functions that allow to set the analog input
swing of the ADS830 to either a 1Vp-p or 2Vp-p full-scale
range simply by tying the RSEL pin to a LOW or HIGH
potential, respectively. While operating the ADS830 in the
external reference mode, the buffer amplifiers for REFT and
REFB are disconnected from the reference ladder.
As shown, the ADS830 has internal 50k
Ω pull-up resistors
at the Range Select pin (RSEL) and Reference Select pin
(INT/EXT). Leaving those pins open configures the ADS830
for a 2Vp-p input range and external reference operation.
Setting the ADS830 up for internal reference mode requires
to bring the INT/EXT pin LOW.
The reference buffers can be utilized to supply up to 1mA
(sink and source) to external circuitry. To ensure proper
operation with any reference configurations, it is necessary
to provide solid bypassing at the reference pins in order to
keep the clock feedthrough to a minimum (Figure 6). All
bypassing capacitors should be located as close to their
respective pins as possible.
FIGURE 8. Configuration Example for External Reference Operation.
The common-mode voltage available at the CM pin may be
used as a bias voltage to provide the appropriate offset for
the driving circuitry. However, care must be taken not to
appreciably load this node, which is not buffered and has a
high impedance. An alternative way of generating a com-
mon-mode voltage is given in Figure 7. Here, two external
precision resistors (1% tolerance or better) are located
between the top and bottom reference pins. The common-
mode voltage, CMV, will appear at the midpoint.
EXTERNAL REFERENCE OPERATION
For even more design flexibility, the internal reference can
be disabled and an external reference voltage be used. The
utilization of an external reference may be considered for
applications requiring higher accuracy, improved tempera-
ture performance, or a wide adjustment range of the
converter’s full-scale range. Especially in multichannel
applications, the use of a common external reference has the
benefit of obtaining better matching of the full-scale range
between converters.
The external references can vary as long as the value of the
external top reference REFTEXT stays within the range of
(VS – 1.25V) and (REFB + 0.8V), and the external bottom
reference REFBEXT stays within 1.25V and (REFT – 0.8V),
see Figure 8.
The full-scale input signal range (FSR) of the ADS830 is
determined by the voltage difference across the reference
pins REFT and REFB (FSR = REFT – REFB), while the
common-mode voltage is defined by CMV = (REFT +
REFB)/2. In order to maintain good ac performance, it is
recommended that the typical common-mode voltage be
kept at +2.5V while setting the external reference voltages.
It is possible, however, to deviate from this common-mode
level without significantly impacting the performance. In
particular, DC-coupled applications may benefit from a
ADS830
IN
IN
INT/EXT
REFT
GND
REFB
External Top Reference
REFT = REFB +0.8V to +3.75V
+VS
BA
RSEL
GND
+5V
External Bottom Reference
REFB = REFT –0.8V to +1.25V
V
IN
A - Short for 1Vp-p Input Range
B - Short for 2Vp-p Input Range (Default)
CMV
FIGURE 7. Alternative Circuit to Generate Common-Mode
Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com