Electronic Components Datasheet Search
  English  ▼

X  

AM26C32MDREP Datasheet(PDF) 5 Page - Texas Instruments

Part # AM26C32MDREP
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM26C32MDREP Datasheet(HTML) 5 Page - Texas Instruments

  AM26C32MDREP Datasheet HTML 1Page - Texas Instruments AM26C32MDREP Datasheet HTML 2Page - Texas Instruments AM26C32MDREP Datasheet HTML 3Page - Texas Instruments AM26C32MDREP Datasheet HTML 4Page - Texas Instruments AM26C32MDREP Datasheet HTML 5Page - Texas Instruments AM26C32MDREP Datasheet HTML 6Page - Texas Instruments AM26C32MDREP Datasheet HTML 7Page - Texas Instruments AM26C32MDREP Datasheet HTML 8Page - Texas Instruments AM26C32MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
AM26C32-EP
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS870 – NOVEMBER 2007
over recommended ranges of VCC, VIC, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VO = VOH (min),
VIC = –7 V to 7 V
0.2
VIT+
Differential input high-threshold voltage
V
IOH = –440 µA
VIC = 0 to 5.5 V
0.1
VO = 0.45 V,
VIC = –7 V to 7 V
–0.2(2)
VIT–
Differential input low-threshold voltage
V
IOL = 8 mA
VIC = 0 to 5.5 V
–0.1(2)
Vhys
Hysteresis voltage (VIT+ – VIT–)
60
mV
VIK
Enable input clamp voltage
VCC = 4.5 V,
II = –18 mA
–1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = –6 mA
3.8
V
VOL
Low-level output voltage
VID = –200 mV,
IOL = 6 mA
0.2
0.3
V
Off-state (high-impedance state) output
IOZ
VO = VCC or GND
±0.5
±5
µA
current
VI = 10 V,
Other input at 0 V
1.5
II
Line input current
mA
VI = –10 V,
Other input at 0 V
–2.5
IIH
High-level enable current
VI = 2.7 V
20
µA
IIL
Low-level enable current
VI = 0.4 V
–100
µA
rI
Input resistance
One input to ground
12
17
k
Ω
ICC
Supply current
VCC = 5.5 V
10
15
mA
(1)
All typical values are at VCC = 5 V, VIC = 0, and TA = 25°C.
(2)
The algebraic convention, in which the less positive (more negative) limit is designated minimum, is used in this data sheet for
common-mode input voltage.
over recommended ranges of operation conditions, CL = 50 pF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
9
17
27
ns
See Figure 1
tPHL
Propagation delay time, high- to low-level output
9
17
27
ns
tTLH
Output transition time, low- to high-level output
4
10
ns
See Figure 1
tTHL
Output transition time, high- to low-level output
4
9
ns
tPZH
Output enable time to high level
13
22
ns
See Figure 2
tPZL
Output enable time to low level
13
22
ns
tPHZ
Output disable time from high level
13
26
ns
See Figure 2
tPLZ
Output disable time from low level
13
25
ns
(1)
All typical values are at VCC = 5 V, TA = 25°C.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com