Electronic Components Datasheet Search
  English  ▼

X  

BQ2003 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ2003
Description  Fast-Charge IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2003 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2003 Datasheet HTML 5Page - Texas Instruments BQ2003 Datasheet HTML 6Page - Texas Instruments BQ2003 Datasheet HTML 7Page - Texas Instruments BQ2003 Datasheet HTML 8Page - Texas Instruments BQ2003 Datasheet HTML 9Page - Texas Instruments BQ2003 Datasheet HTML 10Page - Texas Instruments BQ2003 Datasheet HTML 11Page - Texas Instruments BQ2003 Datasheet HTML 12Page - Texas Instruments BQ2003 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Unit
Notes
VCC
VCC relative to VSS
-0.3
+7.0
V
VT
DC voltage applied on any pin ex-
cluding VCC relative to VSS
-0.3
+7.0
V
TOPR
Operating ambient temperature
0
+70
°C
Commercial
TSTG
Storage temperature
-55
+125
°C
TSOLDER
Soldering temperature
-
+260
°C
10 sec max.
TBIAS
Temperature under bias
-40
+85
°C
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional opera-
tion should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Expo-
sure to conditions beyond the operational limits for extended periods of time may affect device reliability.
DC Thresholds (TA =TOPR;VCC ±10%)
Symbol
Parameter
Rating
Tolerance
Unit
Notes
VSNSHI
High threshold at SNS re-
sulting in MOD = Low
0.05
∗ VCC
±0.025
V
Tolerance is common
mode deviation.
VSNSLO
Low threshold at SNS re-
sulting in MOD = High
0.044
∗ VCC
±0.025
V
Tolerance is common
mode deviation.
VLTF
Low-temperature fault
0.4
∗ VCC
±0.030
V
VTEMP
≥ VLTF inhibits/
terminates charge
VHTF
High-temperature fault
(1/8
∗ VLTF) + (7/8 ∗ VTCO)
±0.030
V
VTEMP
≤ VHTF inhibits
fast charge
VEDV
End-of-discharge voltage
0.2
∗ VCC
±0.030
V
VCELL <VEDV inhibits
fast charge
VTHERM
TS input change for
∆T/∆t detection
-16
±4
mV
VCC = 5V, TA = 25
°C
-
∆V
BAT input change for
-
∆V detection
-12
±4
mV
VCC = 5V, TA = 25
°C
bq2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com