Electronic Components Datasheet Search
  English  ▼

X  

AFE7921 Datasheet(PDF) 4 Page - Texas Instruments

Part # AFE7921
Description  AFE79xx Quad-Channel RF Transceiver With Feedback Path
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE7921 Datasheet(HTML) 4 Page - Texas Instruments

  AFE7921 Datasheet HTML 1Page - Texas Instruments AFE7921 Datasheet HTML 2Page - Texas Instruments AFE7921 Datasheet HTML 3Page - Texas Instruments AFE7921 Datasheet HTML 4Page - Texas Instruments AFE7921 Datasheet HTML 5Page - Texas Instruments AFE7921 Datasheet HTML 6Page - Texas Instruments AFE7921 Datasheet HTML 7Page - Texas Instruments AFE7921 Datasheet HTML 8Page - Texas Instruments AFE7921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
AFE7920, AFE7921, AFE7988, AFE7989
SBAS971C – DECEMBER 2019 – REVISED JUNE 2020
www.ti.com
Product Folder Links: AFE7920 AFE7921 AFE7988 AFE7989
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Functional Block Diagram .................................... 2
4.1
AFE7920/AFE7921 Functional Block Diagram ......... 2
4.2
AFE7988/89 Functional Block Diagram .................... 3
5
Revision History..................................................... 4
6
Device and Documentation Support.................... 5
6.1
Device Support.......................................................... 5
6.2
Related Links ............................................................ 5
6.3
Receiving Notification of Documentation Updates.... 5
6.4
Support Resources ................................................... 5
6.5
Trademarks ............................................................... 5
6.6
Electrostatic Discharge Caution ................................ 5
6.7
Glossary .................................................................... 5
7
Mechanical, Packaging, and Orderable
Information ............................................................. 6
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (April 2020) to Revision C
Page
•
Changed AFE7921 device status from advanced information to production data ................................................................ 1
•
Changed AFE7921 maximum TX/FB RF signal bandwidth from 400MHz to 800MHz. ........................................................ 1
Changes from Revision A (February 2020) to Revision B
Page
•
Changed AFE7988 device status from advanced information to production data ................................................................ 1
Changes from Original (December 2019) to Revision A
Page
•
Changed AFE7920 device status from advanced information to production data ................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com