Electronic Components Datasheet Search
  English  ▼

X  

CD74ACT297 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74ACT297
Description  DIGITAL PHASE-LOCKED LOOP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT297 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74ACT297 Datasheet HTML 2Page - Texas Instruments CD74ACT297 Datasheet HTML 3Page - Texas Instruments CD74ACT297 Datasheet HTML 4Page - Texas Instruments CD74ACT297 Datasheet HTML 5Page - Texas Instruments CD74ACT297 Datasheet HTML 6Page - Texas Instruments CD74ACT297 Datasheet HTML 7Page - Texas Instruments CD74ACT297 Datasheet HTML 8Page - Texas Instruments CD74ACT297 Datasheet HTML 9Page - Texas Instruments CD74ACT297 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CD74ACT297
DIGITAL PHASE-LOCKED LOOP
SCHS297D – AUGUST 1998 – REVISED JUNE 2002
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
Thus, the simple first-order phase-locked loop with an adjustable K counter is the equivalent of an analog
phase-locked loop with a programmable VCO gain.
D/U
φA2
Divide-by-K
Counter
Divide-by-N
Counter
Mfc
I/D Circuit
I/D OUT
I/D CLK
Carry
Borrow
K CLK
XORPD OUT
φB
fin,
φin
2 Nfc
fout,
φout
φA1
J
K
ECPD
ENCTR
Figure 3. DPLL Using Both Phase Detectors in a Ripple-Cancellation Scheme
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC
–0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC input diode current, IIK (VI < –0.5 V or VI > VCC + 0.5 V)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC input diode current, IOK (VO < –0.5 V or VO > VCC + 0.5 V)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC output source or sink current per output pin, IO (VO > –0.5 V or VO < VCC + 0.5 V)
±50 mA
. . . . . . . . . .
Continuous current through VCC or GND (see Note 1)
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2)
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. For up to four outputs per device, add
±25 mA for each additional output.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
∆t/∆v
Input rise and fall slew rate
10
ns
TA
Operating free-air temperature range
–55
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com