Electronic Components Datasheet Search
  English  ▼

X  

ADE9178GTL+T Datasheet(PDF) 120 Page - Analog Devices

Part # ADE9178GTL+T
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+T Datasheet(HTML) 120 Page - Analog Devices

Back Button ADE9178GTL+T Datasheet HTML 114Page - Analog Devices ADE9178GTL+T Datasheet HTML 115Page - Analog Devices ADE9178GTL+T Datasheet HTML 116Page - Analog Devices ADE9178GTL+T Datasheet HTML 117Page - Analog Devices ADE9178GTL+T Datasheet HTML 118Page - Analog Devices ADE9178GTL+T Datasheet HTML 119Page - Analog Devices ADE9178GTL+T Datasheet HTML 120Page - Analog Devices ADE9178GTL+T Datasheet HTML 121Page - Analog Devices ADE9178GTL+T Datasheet HTML 122Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 120 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 120 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
when one or more bits of
STATUS2 register of ADC1 are
set.
13
ADC1_STATUS1
ADC1 STATUS1 Bit Mask. Set
this bit to enable an interrupt
when one or more bits of
STATUS1 register of ADC1 are
set.
0x1
R/W
12
ADC1_STATUS0
ADC1 STATUS0 Bit Mask. Set
this bit to enable an interrupt
when one or more bits of
STATUS0 register of ADC1 are
set.
0x1
R/W
11
ADC0_STATUS2
ADC0 STATUS2 Bit Mask. Set
this bit to enable an interrupt
when one or more bits of
STATUS2 register of ADC0 are
set.
0x1
R/W
10
ADC0_STATUS1
ADC0 STATUS1 Bit Mask. Set
this bit to enable an interrupt
when one or more bits of
STATUS1 register of ADC0 are
set.
0x1
R/W
9
ADC0_STATUS0
ADC0 STATUS0 Bit Mask. Set
this bit to enable an interrupt
when one or more bits of
STATUS0 register of ADC0 are
set.
0x1
R/W
8
DREADY_FREQ_ERROR
ADC Data Ready Frequency
Error Bit Mask. Set this bit to
enable an interrupt when ADC
Data Ready frequency is not
4KHz.
0x1
R/W
7
ERROR5
Error5 Bit Mask. Set this bit
to enable an interrupt when an
internal error occurs.
0x1
R/W
6
ADC_CRC_ERROR
ADC CRC Error Bit Mask. Set
this bit to enable an interrupt
when ADC CRC error occurs.
0x1
R/W
5
ERROR4
Error4 Bit Mask. Set this bit
to enable an interrupt when an
internal error occurs.
0x1
R/W
4
ERROR3
Error3 Bit Mask. Set this bit
to enable an interrupt when an
internal error occurs.
0x1
R/W
3
ERROR2
Error2 Bit Mask. Set this bit
to enable an interrupt when an
internal error occurs.
0x1
R/W
2
ERROR1
Error1 Bit Mask. Set this bit
to enable an interrupt when an
internal error occurs.
0x1
R/W
1
ERROR0
Error0 Bit Mask. Set this bit
to enable an interrupt when an
internal error occurs.
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com