Electronic Components Datasheet Search
  English  ▼

X  

ADE9178GTL+T Datasheet(PDF) 122 Page - Analog Devices

Part # ADE9178GTL+T
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+T Datasheet(HTML) 122 Page - Analog Devices

Back Button ADE9178GTL+T Datasheet HTML 114Page - Analog Devices ADE9178GTL+T Datasheet HTML 115Page - Analog Devices ADE9178GTL+T Datasheet HTML 116Page - Analog Devices ADE9178GTL+T Datasheet HTML 117Page - Analog Devices ADE9178GTL+T Datasheet HTML 118Page - Analog Devices ADE9178GTL+T Datasheet HTML 119Page - Analog Devices ADE9178GTL+T Datasheet HTML 120Page - Analog Devices ADE9178GTL+T Datasheet HTML 121Page - Analog Devices ADE9178GTL+T Datasheet HTML 122Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 122 / 122 page
background image
Data Sheet
ADE9178
OUTLINE DIMENSIONS
©2024-2025 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. A | 122 of 122
Package Drawing (Option)
Package Type
Package Description
CP-40-33
LFCSP
40-Lead Lead Frame Chip Scale Package
For the latest package outline information and land patterns (footprints), go to Package Index.
Updated: June 12, 2024
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Packing Quantity
Package Option
ADE9178GTL+T
−40°C to +105°C
40-Lead Lead Frame Chip Scale Package [LFCSP]
Reel, 2500
CP-40-33
ADE9178GTL+
−40°C to +105°C
40-Lead Lead Frame Chip Scale Package [LFCSP]
Tray, 490
CP-40-33
1 All models are RoHS Compliant Part.
2 T = Tape and reel.
EVALUATION BOARDS
Table 35. Evaluation Boards
Model
Description
ADE9178EVKIT#
Evaluation Kit
LICENSES
For more details, refer to the Software License Agreement on the product webpage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com