Electronic Components Datasheet Search
  English  ▼

X  

ADF4382A Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4382A
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382A Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4382A Datasheet HTML 17Page - Analog Devices ADF4382A Datasheet HTML 18Page - Analog Devices ADF4382A Datasheet HTML 19Page - Analog Devices ADF4382A Datasheet HTML 20Page - Analog Devices ADF4382A Datasheet HTML 21Page - Analog Devices ADF4382A Datasheet HTML 22Page - Analog Devices ADF4382A Datasheet HTML 23Page - Analog Devices ADF4382A Datasheet HTML 24Page - Analog Devices ADF4382A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Data Sheet
ADF4382A
THEORY OF OPERATION
analog.com
Rev. A | 21 of 82
It is recommended to increase the fCHSP by multiplying by
five for each repetition of the previous step to reduce to
MOD2WORD ≤ MOD2WORDMAX.
e. Calculate final MOD2WORD.
In order to maximize frequency resolution, the final value of
MOD2WORD is calculated by obtaining the highest integer
multiple of the initial MOD2WORD, that is less than or equal
to the MOD2WORDMAX as follows.
MOD
2WORD =INT
MOD
2WORDMAX
MO
2WORDINITIAL
×MOD
2WORDINITIAL
(19)
MOD
2WORD =INT16777215
1953125
×1953125
(20)
MOD
2WORD =8×1953125 
= 15625000
(21)
5. Calculate FRAC2WORD
FRAC
2WORD = INTNREMAINDER
×MOD
2WORD
(22)
FRAC
2WORD = INT0.096
×15625000
(23)
FRAC
2WORD = 1500000
(24)
6. Calculate total N-value using the original formula
N=NINT+FRAC1WORD+FRAC2WORD
MOD
2WORD
MOD
1WORD
(25)
N=80+17716740+1500000
15625000
33554432
= 80.528 (26)
7. Calculate fRFOUT frequency
fVCO=fREF×D×N×OR
(27)
Since fREF = fPFD and fVCO= fRFOUT, hence
fRFOUT=fREF×N
(28)
fRFOUT=250 MHz×80.528 = 20
.132 GHz
(29)
CIRCUIT DESCRIPTION
Reference Input Buffer
The reference frequency of the PLL is applied differentially on
the REFP and REFN pins. These high impedance inputs are self
biased and must be AC-coupled with 1 µF capacitors (see Figure
43 for a simplified schematic). Alternatively, the inputs can be used
single ended by applying the reference frequency at REFP and
bypassing REFN to GND with a 1 µF capacitor.
Figure 43. Reference Input Stage
A high quality signal must be applied to the REFP and REFN inputs
as these inputs provide the frequency reference to the entire PLL.
To achieve the in-band phase noise performance of the ADF4382A,
apply a continuous wave signal or a square wave with a slew rate
of at least 1000 V/µs. See the Reference Source Considerations
section for more information on reference input signal requirements
and interfacing.
The REF_SEL bit (Register 0x030, Bit 5) can be set to either a
CML reference input or sine wave or slow slew-rate reference input.
When REF_SEL is set to 0, the delay matched amplifier (DMA)
buffer is selected. The DMA is optimized for high slew rate signals,
such as square waves or higher frequency and higher amplitude
sine waves. The DMA has a controlled propagation delay from the
reference input to clock output, which eases time zero and over
temperature multichip clock alignment.
When the REF_SEL bit is set to 1, the LNA is selected. The LNA
is optimized for low slew rate signals, such as lower frequency or
lower amplitude sine waves.
The REF_SEL bit must be set correctly to optimize the in-band
phase noise performance and propagation delay, tPD. See Table 7
for recommended settings.
Table 7. REF_SEL Programming
REF_SEL
Sine Wave Slew Rate (V/µs) Square Wave
Optimized tPD
0
≥1000
Preferred
Yes
1
<1000
Not applicable
Not applicable
To calculate the slew rate of a sine wave, use the following equa-
tion:
Slew
 Rate = 2 × π × f × V
(30)
where:
f is the sine wave frequency.
V is the sine wave amplitude (in V peak)
The FILT_REF bit (Register 0x02F, Bit 6) controls the reference
input LPF of the LNA and must be set only for sine wave signals
less than 20 MHz to limit the wideband noise of the reference. The
FILT_REF bit must be set correctly to reach the normalized in-band
phase noise floor (LNORM). Square wave inputs have FILT_REF set
to 0. Table 8 shows the recommended settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com