Electronic Components Datasheet Search
  English  ▼

X  

08500108 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 08500108
Description  PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 26-22 AWG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

08500108 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  08500108 Datasheet HTML 1Page - Molex Electronics Ltd. 08500108 Datasheet HTML 2Page - Molex Electronics Ltd. 08500108 Datasheet HTML 3Page - Molex Electronics Ltd. 08500108 Datasheet HTML 4Page - Molex Electronics Ltd. 08500108 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Part Number : 638117400
Product Description : PremiumGrade Hand Crimp
Tool for KK 3.96mm Terminals, 26-22 AWG
Series Number : 207129
Status : Active
Product Category : Crimp Presses and Crimp Hand
Tools
Documents & Resources
Tooling Specifications
ATS-6381174HM-001.pdf
TM-638000029-001.pdf
TM-638000029DE-001.pdf
TM-638000029SP-001.pdf
TM-638000029FR-001.pdf
TM-638000029IT-001.pdf
TM-638000029JP-001.pdf
TM-638000029KR-001.pdf
TM-638000029MY-001.pdf
TM-638000029PL-001.pdf
TM-638000029RU-001.pdf
TM-638000029SK-001.pdf
TM-638000029TH-001.pdf
TM-638000029VN-001.pdf
TM-638000029CN-001.pdf
TM-638000029TW-001.pdf
Product Environment Compliance
Compliance
GADSL/IMDS
Not Relevant
China RoHS
Not Relevant
EU ELV
Not Relevant


Similar Part No. - 08500108

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850010012 MOLEX9-0850010012 Datasheet
113Kb / 4P
2.54mm (.100) Pitch DIN 41612 Header, Style B/2, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 32 Circuits
0850010036 MOLEX9-0850010036 Datasheet
115Kb / 4P
2.54mm (.100) Pitch DIN 41612 Header, Style B, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 64 Circuits
0850010050 MOLEX9-0850010050 Datasheet
116Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style B, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), 32 Circuits
0850010074 MOLEX9-0850010074 Datasheet
113Kb / 4P
2.54mm (.100) Pitch DIN 41612 Header, Style B/2, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), Fixing Clip available ,32 Circuits
0850010086 MOLEX9-0850010086 Datasheet
208Kb / 6P
2.54mm (.100") Pitch DIN 41612 B Style Male Header, PCT, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 32
More results

Similar Description - 08500108

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638192600 MOLEX-0638192600 Datasheet
39Kb / 1P
PremiumGrade Hand Crimp Tool for Female Terminals, 22-28 AWG
11/02/2021
0638114200 MOLEX-0638114200 Datasheet
51Kb / 3P
PremiumGrade Hand Crimp Tool for 2.54mm MX64 Terminals, 18-22 AWG
08/25/2022
0638114400 MOLEX-0638114400 Datasheet
34Kb / 2P
PremiumGrade Hand Crimp Tool for MX150L Terminals, 14-22 AWG
08/26/2022
0638116000 MOLEX-0638116000 Datasheet
40Kb / 4P
PremiumGrade Hand Crimp Tool for MX150 Female Terminals, 18-22 AWG
08/26/2022
0638117400 MOLEX-0638117400 Datasheet
41Kb / 3P
PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 22-26 AWG
08/26/2022
0638118100 MOLEX-0638118100 Datasheet
36Kb / 1P
PremiumGrade Hand Crimp Tool for Mini-Lock Terminals, 22-28 AWG
08/26/2022
0638118200 MOLEX-0638118200 Datasheet
27Kb / 2P
PremiumGrade Hand Crimp Tool for KK 2.54mm Crimp Terminals, 22-30 AWG
08/25/2022
0638192300 MOLEX-0638192300 Datasheet
52Kb / 2P
PremiumGrade Hand Crimp Tool for iGrid Female Terminals, 22-26 AWG and 0.30-0.20mm² Wire
08/26/2022
0638278900 MOLEX-0638278900 Datasheet
14Kb / 1P
Hand Crimp Tool for Board-in Crimp Terminals, 22-26 AWG
08/26/2022
0638280300 MOLEX-0638280300 Datasheet
22Kb / 2P
Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 18-22 AWG
08/25/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com