Electronic Components Datasheet Search
  English  ▼

X  

08650816 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 08650816
Description  PremiumGrade Hand Crimp Tool for KK 2.54mm Crimp Terminals, 30-22 AWG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

08650816 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  08650816 Datasheet HTML 1Page - Molex Electronics Ltd. 08650816 Datasheet HTML 2Page - Molex Electronics Ltd. 08650816 Datasheet HTML 3Page - Molex Electronics Ltd. 08650816 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KK 254 Crimp Terminal, 30-22 AWG,
Bag, Gold (Au), Nickel (Ni) Under
Plating
08560110
KK 254 Cat Ear Crimp Terminal
41572, Bag Tin (Sn)
08650805
KK 254 Crimp Terminal 6459, 30-22
AWG, Bag, Phosphor Bronze Gold
(Au)
08650814
KK 254 Crimp Terminal 6459, 30-22
AWG, Bag, Phosphor Bronze
Selective Gold (Au)
08650816
KK Cat Ear Crimp Terminal 5159,
28-22 AWG, Bag, Phosphor Bronze,
Tin (Sn) Plating
08700049
KK Cat Ear Crimp Terminal 5159,
28-22 AWG, Bag, Brass, Tin (Sn)
over Copper Plating
08700069
KK 254 Crimp Terminal, 28-22 AWG,
0.35µm Gold (Au), Nickel (Ni)
Under-Plate, Brass, Loose
39000377
KK 254 Crimp Terminal, 28-22 AWG,
0.35µm Gold (Au), Nickel (Ni)
Under-Plate, Phosphor Bronze,
Loose
39000381
This document was generated on Jun 05, 2025



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com