Electronic Components Datasheet Search
  English  ▼

X  

08520124 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 08520124
Description  PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 26-22 AWG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

08520124 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  08520124 Datasheet HTML 1Page - Molex Electronics Ltd. 08520124 Datasheet HTML 2Page - Molex Electronics Ltd. 08520124 Datasheet HTML 3Page - Molex Electronics Ltd. 08520124 Datasheet HTML 4Page - Molex Electronics Ltd. 08520124 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
26-22 AWG, Bag, Brass Tin (Sn)
KK Trifurcon Crimp Terminal 7258,
26-22 AWG, Reel, Phosphor Bronze
Tin(Sn)
08520124
KK Trifurcon Crimp Terminal 7258,
26-22 AWG, Bag, Phosphor Bronze
Tin (Sn)
08520125
KK 396 Crimp Terminal 2578, 26-22
AWG, Reel, Brass, 0.38µm Selective
Gold (Au)
08550105
KK 396 Crimp Terminal 2578, 26-22
AWG, Bag, Brass, 0.38µm Selective
Gold(Au)
08550106
KK 396 Crimp Terminal 2578, 26-22
AWG, Reel, Brass, 0.76µm Select
Gold (Au) over Gold Flash
08550123
KK 396 Crimp Terminal 2578, 26-22
AWG, Left Payoff Reel, Brass,
0.76µm Select Gold (Au) over Gold
Flash
08550137
KK 396 Crimp Terminal 2578, 26-22
AWG, Reel, Brass, 0.38µm Select
Gold (Au) over Gold Flash
08560107
KK 396 Crimp Terminal 2578, 26-22
AWG, Bag, Brass, 0.38µm Select
Gold (Au) over Gold Flash
08560108
KK Trifurcon Crimp Terminal 7258,
26-22 AWG, Reel, Phosphor Bronze
Gold (Au)
08560123
KK Trifurcon Crimp Terminal 7258,
26-22 AWG, Bag, Phosphor Bronze
Gold(Au)
08560124
KK 396 Crimp Terminal 2578, 26-22
AWG, Reel, Phosphor Bronze,
0.38µm Selective Gold (Au) over
Gold Flash
08580125
KK 396 Crimp Terminal 2578, 26-22
AWG, Bag, Phosphor Bronze,
0.38µm Selective Gold (Au) over
Gold Flash
08580126
KK 396 Crimp Terminal 2578, 26-22
AWG, Reel, Phosphor Bronze,
08600003



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com