Electronic Components Datasheet Search
  English  ▼

X  

08500032 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 08500032
Description  PremiumGrade Hand Crimp Tool for KK 2.54mm Crimp Terminals, 30-22 AWG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

08500032 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  08500032 Datasheet HTML 1Page - Molex Electronics Ltd. 08500032 Datasheet HTML 2Page - Molex Electronics Ltd. 08500032 Datasheet HTML 3Page - Molex Electronics Ltd. 08500032 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UPC
800756956992
Warranty Disclaimer
CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.
Physical
Net Weight
332.600/g
Applicable Parts
Description
Part Number
KK 254 Cat Ear Crimp Terminal
4809, 30-22 AWG, Hot Tin Dip, Bag
08500032
KK 254 Crimp Terminal, 30-22 AWG,
Bag, Tin (Sn) Plating, Nickel (Ni)
Under Plating
08500160
KK 254 Crimp Terminal 6459, 30-22
AWG, Bag, Phosphor Bronze Tin
(Sn)
08520123
KK 254 Crimp Terminal, 30-22 AWG,
Bag, Selective Gold (Au), Nickel (Ni)
Under Plating
08550102
KK 254 Crimp Terminal, 30-22 AWG,
Bag, Selective Gold (Au), Nickel (Ni)
Under Plating
08550131



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com