Electronic Components Datasheet Search
  English  ▼

X  

A2425 Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # A2425
Description  PANEL MOUNT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

A2425 Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  A2425 Datasheet HTML 1Page - Sensata Technologies, Inc. A2425 Datasheet HTML 2Page - Sensata Technologies, Inc. A2425 Datasheet HTML 3Page - Sensata Technologies, Inc. A2425 Datasheet HTML 4Page - Sensata Technologies, Inc. A2425 Datasheet HTML 5Page - Sensata Technologies, Inc. A2425 Datasheet HTML 6Page - Sensata Technologies, Inc. A2425 Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.sensata.com
Copyright © 2021 Sensata Technologies, Inc.
EQUIVALENT CIRCUIT BLOCK DIAGRAMS
AC
AC
AC
Trigger
Circuit
Current
Limiter
AC
3
4
2
1
AC/DC
Converter
(13)
(14)
(15)
Diagram: Series 1 AC control
+DC
-DC
AC
Trigger
Circuit
Current
Limiter
AC
3
4
2
1
(13)
(14)
(15)
Diagram: Series 1 DC control
MECHANICAL SPECIFICATIONS (5)
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
Screw Termination
1
OUTPUT
2
S OL I D S T A T E R EL A Y
4
INPUT
3
1.1
[27.9]
0.49
[12.4]
Mounting
Hole/Slot
0.19 [4.9]
DIA.
0.89
[22.6]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.0
[25.4]
1.75
[44.5]
Hex Standoff Termination (“K” Option)
1.1
[27.9]
0.49
[12.4]
Mounting
Hole/Slot
0.19 [4.9]
DIA.
1.04
[26.4]
1.88
[47.6]
1.70
[43.2]
2.25
[57.3]
1.0
[25.4]
1.75
[44.5]
0.93
[23.6]
(4 places)
1.0
[25.4]
(2 places)
1
OUTPUT
2
S OL I D S T A T E R EL A Y
4
INPUT
3
(2)
Quick Connect Termination (“F” Option) - Up to 25 Amp (1)
1
OUTPUT
2
S OL I D S T A T E R EL A Y
4
INPUT
3
Mounting
Hole/Slot
0.19 [4.9]
DIA.
1.58
[40.2]
0.49
[12.4]
Faston Terminal(16)
0.25 x 0.032
(2 places)
1.31
[33.4]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.40
[35.6]
1.75
[44.5]
Faston Terminal(16)
0.187 x 0.020
(2 places)
1.25
[31.8]
Quick Connect Termination (“F” Option) - Up to 50 Amp (1)
1
4
2
3
S OL I D S T A T E R EL A Y
OUTPUT
INPUT
Mounting
Hole/Slot
0.19 [4.9]
DIA.
1.58
[40.2]
0.49
[12.4]
Faston Terminal(16)
0.25 x 0.032
(4 places)
1.31
[33.4]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.40
[35.6]
1.75
[44.5]
Faston Terminal(16)
0.187 x 0.020
(2 places)
1.25
[31.8]
0.63
[16.0]
0.45
[11.4]
(2 places)
Page 3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com