Electronic Components Datasheet Search
  English  ▼

X  

A2425E Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # A2425E
Description  PANEL MOUNT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

A2425E Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  A2425E Datasheet HTML 1Page - Sensata Technologies, Inc. A2425E Datasheet HTML 2Page - Sensata Technologies, Inc. A2425E Datasheet HTML 3Page - Sensata Technologies, Inc. A2425E Datasheet HTML 4Page - Sensata Technologies, Inc. A2425E Datasheet HTML 5Page - Sensata Technologies, Inc. A2425E Datasheet HTML 6Page - Sensata Technologies, Inc. A2425E Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.sensata.com
Copyright © 2021 Sensata Technologies, Inc.
OUTPUT SPECIFICATIONS (5)
Description
Operating Voltage (47-440Hz) [Vrms] (6)
Transient Overvoltage [Vpk]
Maximum Off-State Leakage Current @ Rated Voltage [mArms] (7)
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec]
Maximum Load Current [Arms] (2)(8)
Minimum Load Current [mArms]
Maximum 1 Cycle Surge Current (50/60Hz) [Apk]
Maximum On-State Voltage Drop @ Rated Current [Vrms]
Thermal Resistance Junction to Case (Rjc) [°C/W]
Maximum 1/2 Cycle I² t for Fusing (50/60Hz) [A² sec]
Minimum Power Factor (at Maximum Load) (3)
INPUT SPECIFICATIONS(5)
Description
D24xx
A24xx
A24xxE
Control Voltage Range
3-32 VDC
90-280 Vrms
18-36 Vrms
Maximum Reverse Voltage
-32 VDC
-
-
Minimum Turn-On Voltage
3.0 VDC (9)
90 Vrms
18 Vrms
Must Turn-Off Voltage
1.0 VDC
10 Vrms
4 Vrms
Minimum Input Current [mA]
7
5
16
Maximum Input Current [mA]
12
10
20
Nominal Input Impedance [Ohms]
Current Regulated
Maximum Turn-On Time [msec]
1/2 Cycle (10)
20
20
Maximum Turn-Off Time [msec]
1/2 Cycle
30
30
GENERAL SPECIFICATIONS (5)
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
2.6 oz (74.9g)
Housing Material
UL 94 V-0
Baseplate Material
Aluminum
Input Terminal Screw Torque Range (in-lb/Nm)
13-15 /1.5-1.7
Load Terminal Screw Torque Range (in-lb/Nm)
18-20 / 2.0-2.2
SSR Mounting Screw Torque Range (in-lb/Nm)
18-20 / 2.0-2.2
Humidity
per IEC60068-2-78
93% non-condensing
LED Input Status Indicator
w/”G” option (green)
MTBF (Mean Time Between Failures) at 40°C ambient temperature (11)
11,641,553 hours (1,328 years)
MTBF (Mean Time Between Failures) at 60°C ambient temperature (11)
7,210,376 hours (823 years)
Input/Load Terminal Screw Torque Range (in-lb/Nm)
w/”K” option 8-10 / 0.9-1.13
(2)
Input/Output Terminal Screw Thread Size
#6-32 UNC / #8-32 UNC
WIRING DIAGRAM
1
4
2
3
S OL I D S T A T E R EL A Y
OUTPUT
INPUT
Load (12)
V
4 (– / )
3 (+ / )
1 ( )
2 ( )
AC
Recommended Wire Sizes
Terminals
Wire Size
(Solid / Stranded)
Wire Pull-Out
Strength (lb)[N]
Input
Output
24 AWG (0.2 mm2) / 0.2 [minimum]
2 x 12 AWG (3.3 mm2) / 3.3 [maximum]
20 AWG (0.5 mm2) / 0.518 [minimum]
2 x 10 AWG (5.3 mm2) / 5.3
2 x 8 AWG (8.4 mm2) / 8.4 [maximum]
10 [44.5]
90 [400]
30 [133]
110 [490]
90 [400]
Input Current vs Input Voltage
Standard Regulated DC Input
25
20
15
10
5
0
0
5
10
15
20
25
30
DC Input Voltage
125A
110A
90A
75A
50A
25A
10A
24-280
24-280
24-280
24-280
24-280
24-280
24-280
600
600
600
600
600
600
600
1
1
1
1
1
1
1
500
500
500
500
500
500
500
10
25
50
75
90
110
125
150
150
150
150
150
250
250
115/120
239/250
597/625
954/1000
1145/1200
1432/1500
1670/1750
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.03
0.8
0.45
0.3
0.27
0.25
0.22
66/60
285/259
1770/1621
4555/4150
6560/5976
10249/9338
13950/12709
0.5
0.5
0.5
0.5
0.5
0.5
0.5
Page 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com