Electronic Components Datasheet Search
  English  ▼

X  

UC27131/2/3 Datasheet(PDF) 2 Page - Texas Instruments

Part # UC27131/2/3
Description  Smart Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UC27131/2/3 Datasheet(HTML) 2 Page - Texas Instruments

  UC27131/2/3 Datasheet HTML 1Page - Texas Instruments UC27131/2/3 Datasheet HTML 2Page - Texas Instruments UC27131/2/3 Datasheet HTML 3Page - Texas Instruments UC27131/2/3 Datasheet HTML 4Page - Texas Instruments UC27131/2/3 Datasheet HTML 5Page - Texas Instruments UC27131/2/3 Datasheet HTML 6Page - Texas Instruments UC27131/2/3 Datasheet HTML 7Page - Texas Instruments UC27131/2/3 Datasheet HTML 8Page - Texas Instruments UC27131/2/3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
UC17131/2/3
UC27131/2/3
UC37131/2/3
4
3
VREF
IN
2
6
8VCC
LS
CSL
5GND
6V
PRE-REGULATOR
INPUT
COMPARATOR
1/2
VREF
1
LED
TURN-ON/OFF
AND
SHORT CIRCUIT
PROTECTION
7
Q
OUT
72V
6V/8mA
CDEL
HYST (FIXED) =
30%
UC37131 BLOCK DIAGRAM
UDG-98059
4
3
VREF
IN
2
8VCC
CSH
5GND
6V
PRE-REGULATOR
INPUT
COMPARATOR
1/2
VREF
1
LED
TURN-ON/OFF
AND
SHORT CIRCUIT
PROTECTION
6HS
7
Q
OUT
72V
6V/8mA
CDEL
HYST (FIXED) =
30%
UC37133 BLOCK DIAGRAM
UDG-98060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com