Electronic Components Datasheet Search
  English  ▼

X  

PIC16F616 Datasheet(PDF) 7 Page - Matrix Technology Solutions Ltd

Part # PIC16F616
Description  This document concerns the EB006V9 E-blocks PICmicro multiprogrammer board (version 9).
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MATRIX [Matrix Technology Solutions Ltd]
Direct Link  https://www.matrixtsl.com/
Logo MATRIX - Matrix Technology Solutions Ltd

PIC16F616 Datasheet(HTML) 7 Page - Matrix Technology Solutions Ltd

Back Button PIC16F616 Datasheet HTML 3Page - Matrix Technology Solutions Ltd PIC16F616 Datasheet HTML 4Page - Matrix Technology Solutions Ltd PIC16F616 Datasheet HTML 5Page - Matrix Technology Solutions Ltd PIC16F616 Datasheet HTML 6Page - Matrix Technology Solutions Ltd PIC16F616 Datasheet HTML 7Page - Matrix Technology Solutions Ltd PIC16F616 Datasheet HTML 8Page - Matrix Technology Solutions Ltd PIC16F616 Datasheet HTML 9Page - Matrix Technology Solutions Ltd PIC16F616 Datasheet HTML 10Page - Matrix Technology Solutions Ltd PIC16F616 Datasheet HTML 11Page - Matrix Technology Solutions Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Copyright © 2014 Matrix Technology Solutions Ltd
6. In-Circuit Debugging
The Multiprogrammer board has an in-circuit debugging
(ICD) connection between the USB peripheral device
and the target microcontroller. This allows the Flowcode
software to start, stop, step and inspect an active
program, synchronized both in hardware and Flowcode
6 software. As well as the standard ICD operation,
Flowcode is capable of reading back real time variable
values from the target device.
To use the Microchip PICkit2 ICSP interface, remove
the power supply and the USB cable from the
Multiprogrammer. Then place the 3-way jumper link
associated with J12-14 to the left hand side of the 3 x
3 header pins, labeled ‘ICSP’. Then simply connect the
PICkit into the Multiprogrammer via header J20.
7. In-Circuit Test
The Multiprogrammer board has an in-circuit test (ICT)
connection between the USB peripheral device and all
of the target microcontroller’s I/O pins. This allows the
Flowcode 6 software to monitor all of the signals on the
board in either analogue or digital modes.
The in circuit test feature can be combined with packet
decoding to allow data and control busses to be explored
and debugged
8. Low voltage programming
Many PICmicros have a low voltage programming mode
where it is possible to program the device without the
need for a 12V supply line or charge pump. The difficulty
here is that different families of PICmicro devices use
different pins as the Low Voltage programming pin. B3 is
predominantly used for this function but B4 and B5 are
also used on some devices. For this reason the version
9 EB006 does not support low voltage programming
modes so care must be taken when generating the chip
configuration to disable the low voltage programming
functionality. If the low voltage programming
configuration is left enabled then you will not be able to
use the LVP pin as an I/O pin in your application.
Protective cover
Most of the boards in the E-blocks range can be fitted
with a plastic cover as an optional extra. These covers
are there to protect your E-blocks board therefore
extending the life of the board. The covers also prevent
the removal of external components while still allowing
for the adjustment of applicable parts on the board.
12mm M3 spacers, anti-slip M3 nuts and 25mm M3 bolts
can be used to attached the cover to the board. These
are not included but can be bought separately from our
website.
The order code for the EB006 PICmicro® MCU
microcontroller cover is EB706.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com