Electronic Components Datasheet Search
  English  ▼

X  

VFC110AP Datasheet(PDF) 7 Page - Texas Instruments

Part # VFC110AP
Description  High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

VFC110AP Datasheet(HTML) 7 Page - Texas Instruments

Back Button VFC110AP Datasheet HTML 3Page - Texas Instruments VFC110AP Datasheet HTML 4Page - Texas Instruments VFC110AP Datasheet HTML 5Page - Texas Instruments VFC110AP Datasheet HTML 6Page - Texas Instruments VFC110AP Datasheet HTML 7Page - Texas Instruments VFC110AP Datasheet HTML 8Page - Texas Instruments VFC110AP Datasheet HTML 9Page - Texas Instruments VFC110AP Datasheet HTML 10Page - Texas Instruments VFC110AP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
VFC110
SBVS021A − OCTOBER 1988 − REVISED APRIL 2007
www.ti.com
7
Table 1. Component Selection Table
FULL-SCALE
FREQUENCY,
EXTERNAL COMPONENTS
FREQUENCY,
fFS
RIN
COS
CINT
4MHz
∗
∗
∗
2MHz
34k
Ω
56pF
∗
1MHz
40k
Ω
150pF
∗
500kHz
58k
Ω
330pF
2nF
100kHz
44k
Ω
2.2nF
10nF
50kHz
88k
Ω
2.2nF
0.1
µF
10kHz
44k
Ω
22nF
0.1
µF
* Use internal component only.
The values given were determined empirically to give the optimal
performance, taking into consideration tradeoffs between linearity
and jitter for each given full-scale frequency of operation. The
capacitors listed were chosen from standard values of NPO ceramic
type capacitors while the resistor values were rounded off. Larger
CINT values may improve linearity, but may also increase frequency
noise.
PULL-UP RESISTOR
The VFC110 frequency output is an open-collector
transistor. A pull-up resistor should be connected from fOUT
to the logic supply voltage, +VL. The output transistor is On
during the one-shot period, causing the output to be a logic
Low. The current flowing in this resistor should be limited
to 8mA to assure a 0.4V maximum logic Low. The value
chosen for the pull-up resistor may depend on the
full-scale frequency and capacitance on the output line.
Excessive capacitance on fOUT will cause a slow, rounded
rising edge at the end of an output pulse. This effect can
be minimized by using a pull-up resistor which sets the
output current to its maximum of 8mA. The logic power
supply can be any positive voltage up to +VS.
ENABLE PIN
If left unconnected, the Enable input will assume a logic
High level, enabling operation. Alternatively, the Enable
input may be connected directly to +VS. Since an internal
pull-up current is included, the Enable input may be driven
by an open-collector logic signal.
A logic Low at the Enable input causes output pulses to
cease. This is accomplished by interrupting the signal path
through the one-shot circuitry. While disabled, all circuitry
remains active and quiescent current is unchanged. Since
no reset current pulses can occur while disabled, any
positive input voltage will cause the integrator op amp to
ramp negatively and saturate at its most negative output
swing of approximately −0.7V.
When the Enable input receives a logic High (greater than
+2V), a reset current cycle is initiated (causing fOUT to go
Low). The integrator ramps positively and normal
operation is established. The time required for the output
frequency to stabilize is equal to approximately one cycle
of the final output frequency plus 1
µs.
2
V
IN
112
11
One−Shot
V
REF
−V
S
413
NC
3
6
8
f
OUT
0kHz to 100kHz
10
+VS
7
5
R
PU
+VL
C
OS
2.2nF
High = Enable
Low = Disable
C
INT
10nF
0V to
+10V
5k
Ω
Gain Trim
44k
Ω
R
IN
NC
14
Figure 2. 100kHz Full-Scale Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com