Electronic Components Datasheet Search
  English  ▼

X  

ESD5Z Datasheet(PDF) 2 Page - Weitron Technology

Part # ESD5Z
Description  Transient Voltag e Suppressors for ESD Protection 200 WATTS 2.5-7.0 VOLTS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ESD5Z Datasheet(HTML) 2 Page - Weitron Technology

  ESD5Z Datasheet HTML 1Page - Weitron Technology ESD5Z Datasheet HTML 2Page - Weitron Technology ESD5Z Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings(TA=25˚C Unless Otherwise Noted)
Characteristic
Symbol
Value
Unit
PD
100
260(10s)
mW
°C
Total Power Dissipation on FR−5 Board1, @ TA = 25°C
TL
Junction Temperature Range
ESD Voltage
Lead Solder Temperature -Maximum
TJ
150
Tstg
-55 to +150
°C
°C
Storage Temperature Range
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied
to the device are individual stress limit values (not normal operating conditions) and are not valid
simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and
reliability may be aected.
Note.1 FR−5 = 1.0 x 0.75 x 0.62 in.
30
30
16
400
kV
kV
V
40
A
Electrostatic discharge
IEC61000-4-2 Air discharge
IEC61000-4-2 ContactAir discharge
Per Human Body Model
Per Machine Model
Electrostatic discharge
IEC61000-4-4
WEITRON
http://www.weitron.com.tw
ESD5Z Series
2/3
16-May-07
Electrical Characteristics (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types)
Eqivalent Circuit Diagram
VRWM
(V)
IR ( A)
@ VRWM
VBR (V) @ IT
(Note 2)
IT
VC (V)(Note 1)
@ IPP = 5.0 A
VC (V)(Note 1)
@ Max IPP
IPP (A) Ppk(W) C (pF)
Device
Marking
Max
Max
Min
mA
Typ
Max
Max
Max
Typ
ESD5Z2.5
ZD
2.5
6.0
4.0
1.0
6.5
10.9
11.0
120
145
ESD5Z3.3
ZE
3.3
0.05
5.0
1.0
8.4
14.1
11.2
158
105
ESD5Z5.0
ZF
5.0
0.05
6.2
1.0
11.6
18.6
9.4
174
80
ESD5Z6.0
ZG
6.0
0.01
6.8
1.0
12.4
20.5
8.8
181
70
ESD5Z7.0
ZH
7.0
0.01
7.5
1.0
13.5
22.7
8.8
200
65
Note 1. Surge current waveform per Fig.1
2. VBR is measured with a pulse test current IT at an ambient temperature of 25°C.
1
2
SOD-523 / SC-79
(Top View)
(Note 1) (Note 1)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com