Electronic Components Datasheet Search
  English  ▼

X  

1440 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 1440
Description  1440 Series – IEC Class II DC Surge Protective Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

1440 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  1440 Datasheet HTML 1Page - Bourns Electronic Solutions 1440 Datasheet HTML 2Page - Bourns Electronic Solutions 1440 Datasheet HTML 3Page - Bourns Electronic Solutions 1440 Datasheet HTML 4Page - Bourns Electronic Solutions 1440 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Applications
n
DC power systems
n
Photovoltaic systems
n
EV charging stations
1440 Series – IEC Class II DC Surge Protective Device
Electrical Characteristics (continued)
Characteristic
Model No.
1440-PV-300-P
1440-PV-300-D
1440-PV-300-Y
1440-PV-400-P
1440-PV-400-D
1440-PV-400-Y
1440-PV-500-P
1440-PV-500-D
1440-PV-600-P
1440-PV-600-D
1440-PV-600-Y
1440-PV-750-P
Network Voltage (Un) DC
300 VDC
400 VDC
500 VDC
600 VDC
750 VDC
Compliance
IEC/EN 61643-31 Class I + Class II / T1 + T2
Product Technologies
High energy MOV Technology Advanced Thermal Disconnector (TD+)
Protection Mode
Single CM
CM/DM1
Single CM1
Single CM
CM/DM1
Single
Max. Operating Voltage (Uc) DC
350 VDC
340 VDC (Y config.)
460 VDC
450 VDC (Y config.)
560 VDC
670 VDC
700 VDC (Y config.)
800 VDC
Nominal Discharge Current (In)
8/20 µs
20 kA
Max. Discharge Current (Imax)
1 Impulse 8/20 µs
50 kA
Impulse Discharge Current (Iimp)
10/350 µs
7.5 kA
6 kA
4.5 kA / 7.5 kA (Y config.)
Protection Level (Up)
≤1.2 kV
≤1.2 kV
≤1.5 kV
≤1.5 kV
≤1.5 kV
≤2.0 kV
≤2.0 kV
≤2.0 kV
≤2.2 kV
≤2.5 kV
Short Circuit Current Rating (Iscpv)
25 kA
Leakage Current at Uc
< 100 µA
Follow Current (If)
None
Characteristic
Model No.
1440-PV-800-Y 1440-PV-1000-Y 1440-PV-1200-Y 1440-PV-1500-Y
Network Voltage (Un) DC
800 VDC
1000 VDC
1200 VDC
1500 VDC
Compliance
IEC/EN 61643-31 Class I + Class II / T1 + T2
Product Technologies
High energy MOV Technology Advanced Thermal Disconnector (TD+)
Protection Mode
CM/DM1
Max. Operating Voltage (Uc) DC
920 VDC
1120 VDC
1340 VDC
1500 VDC
Nominal Discharge Current (In)
8/20 µs
20 kA
Max. Discharge Current (Imax)
1 Impulse 8/20 µs
50 kA
Impulse Discharge Current (Iimp)
10/350 µs
7.5 kA
6 kA
4.5 kA
Protection Level (Up)
≤2.8 kV
≤3.5 kV
≤4.0 kV
≤4.5 kV
Short Circuit Current Rating (Iscpv)
25 kA
Leakage Current at Uc
< 100 µA
Follow Current (If)
None
Note 1. CM = Common Mode (+/PE or -/PE) and CM/DM = Common Mode and Differential Mode (±).
Specifications are
subject to change
without notice.
Users should
verify actual device
performance in their
specific applications.
The products
described herein and
this document are
subject to specific
legal disclaimers
as set forth on the
last page of this
document, and at
www.bourns.com/
docs/legal/disclaimer.
pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com