Electronic Components Datasheet Search
  English  ▼

X  

042-1925 Datasheet(PDF) 13 Page - Elma Electronic Ltd

Part # 042-1925
Description  Classic Collet Knobs and Accessories
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

042-1925 Datasheet(HTML) 13 Page - Elma Electronic Ltd

Back Button 042-1925 Datasheet HTML 7Page - Elma Electronic Ltd 042-1925 Datasheet HTML 8Page - Elma Electronic Ltd 042-1925 Datasheet HTML 9Page - Elma Electronic Ltd 042-1925 Datasheet HTML 10Page - Elma Electronic Ltd 042-1925 Datasheet HTML 11Page - Elma Electronic Ltd 042-1925 Datasheet HTML 12Page - Elma Electronic Ltd 042-1925 Datasheet HTML 13Page - Elma Electronic Ltd 042-1925 Datasheet HTML 14Page - Elma Electronic Ltd 042-1925 Datasheet HTML 15Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
46
Knob Program Additions
Anti-slip bracket Corresponding shaft with flat ø
a
L
Order number
4 mm
3,50 mm
7 mm
048-2000
6 mm
4,60 mm
9 mm
048-2300
6 mm
5,00 mm
9 mm
048-2100
1/4"
5,08 mm
9 mm
048-2200
Anti-slip bracket. D-shape prevents slippage on shaft and incorrect knob mounting. For knobs ø 21, 28. 36 mm
L
ø
2.5
8
1
7
1
ø6
Gew.
2.5
1
Locking set, consisting of:
grey
black
clear transp.
clear transp.
with line
Screw with knob
026-2010
026-2020
Locking piece
026-2100
026-2200
Locking set: Locks arrow dial or figure dial ø 20-63 mm on front panel (protection against unintentional turning)
Starting with the knobs ø 14,5 mm, stators can be mounted directly underneath the slotted nut of the central mounting bushing of the switch.
Threaded bushing with through-hole ø 6 mm
047-3000
Stators for knobs ø 14,5 mm or larger can be mounted directly to the bushing on the front panel in cases where the switch does not have a central mounting.
8.2
11
16
5.5
ø1.5
ø2.6
Thread
M6 x 0.75 M7 x 0.75 M8 x 0.75 M10 x 0.75 3/8” - 32
Slotted nut
046-1000
046-1500
046-2000
046-3000
046-4000
Tool for tightening of our slotted nuts and threaded bushings.
Tool
048-100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com