Electronic Components Datasheet Search
  English  ▼

X  

IRG4BC30FD Datasheet(PDF) 9 Page - International Rectifier

Part # IRG4BC30FD
Description  Fit Rate / Equivalent Device Hours
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30FD Datasheet(HTML) 9 Page - International Rectifier

Back Button IRG4BC30FD Datasheet HTML 5Page - International Rectifier IRG4BC30FD Datasheet HTML 6Page - International Rectifier IRG4BC30FD Datasheet HTML 7Page - International Rectifier IRG4BC30FD Datasheet HTML 8Page - International Rectifier IRG4BC30FD Datasheet HTML 9Page - International Rectifier IRG4BC30FD Datasheet HTML 10Page - International Rectifier IRG4BC30FD Datasheet HTML 11Page - International Rectifier IRG4BC30FD Datasheet HTML 12Page - International Rectifier IRG4BC30FD Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
HIGH TEMPERATURE REVERSE BIAS (HTRB)
T0247 Package
Junction Temperature :
Tj = as specified below
Applied Bias:
Vge = 0V
Vce = 80% of maximum rated BVces
N Channel
MID FREQUENCY ( Fast )
EQUIVALENT FAILURE RATE @
DEVICE
DATE
TEMP VOLTAGE QTY
ACTUAL
FAILURES
DEV-HRS
90°C & 60% UCL
TYPE
CODE
MAX
TEST
@ 90°C
TIME
#
MODE
FITs
(deg C)
(V)
(hours)
(note b)
(note a)
IRGPC30FD2
9344
150
600
20
1080 0
2.01E+06
456
IRGPC50FD2
9237
150
600
59
2008 0
1.10E+07
83
TOTALS
79
3088 0
1.30E+07
70
N Channel
HIGH FREQUENCY ( Ultra-Fast )
EQUIVALENT FAILURE RATE @
DEVICE
DATE
TEMP VOLTAGE QTY
ACTUAL
FAILURES
DEV-HRS
90°C & 60% UCL
TYPE
CODE
MAX
TEST
@ 90°C
TIME
#
MODE
FITs
(deg C)
(V)
(hours)
(note b)
(note a)
IRGPC40U
9538
150
600
20
2008 0
3.73E+06
245
IRGPC40U
9620
150
600
20
2008 0
3.73E+06
245
IRGPC40UD2
9237
150
600
20
1008 0
1.87E+06
489
IRG4PC40UD2
9643
150
600
20
2030 0
3.78E+06
243
IRGPC50UD2
9346
150
600
20
1080 0
2.01E+06
456
IRGPH60UD2
9450
150
1200
10
1008 0
9.37E+05
977
TOTALS
110
9142 0
1.61E+07
57
NOTES
a.
One FIT represents one failure in one billion (1.0E+09) hours.
b.
FAILURE MODES:
IGBT / CoPack
Quarterly Reliability Report
Page 9 of 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com