Electronic Components Datasheet Search
  English  ▼

X  

IRG4BC40F Datasheet(PDF) 29 Page - International Rectifier

Part # IRG4BC40F
Description  Fit Rate / Equivalent Device Hours
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC40F Datasheet(HTML) 29 Page - International Rectifier

Back Button IRG4BC40F Datasheet HTML 25Page - International Rectifier IRG4BC40F Datasheet HTML 26Page - International Rectifier IRG4BC40F Datasheet HTML 27Page - International Rectifier IRG4BC40F Datasheet HTML 28Page - International Rectifier IRG4BC40F Datasheet HTML 29Page - International Rectifier IRG4BC40F Datasheet HTML 30Page - International Rectifier IRG4BC40F Datasheet HTML 31Page - International Rectifier IRG4BC40F Datasheet HTML 32Page - International Rectifier IRG4BC40F Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
ACCELERATEDMOISTURE RESISTANCE (A/C)Unbiased
Conditions
Temperature:
121°C
Pressure:
15Ibs psig
Bias:
None
Duration:
96 Hours nominal
Test points:
96 Hours
Purpose
Failure Modes
Sensitive Parameters
V(BR)CES, VCE(on)
Accelerated Moisture Resistance test is performed to evaluate the moisture resistance
of non-hermetic packages. Severe conditions of pressure, humidity and temperature
are applied that accelerate the penetration of moisture through the interface of the
encapsulant and the conductors that pass through it.
There are two failure modes which have been observed. The first mode, degradation
of the breakdown characteristics of the devices, can occur.
The second failure mode that has been observed is due to cathodic corrosion of
aluminum emitter bonding pad. Water will ingress to the top of the die. It is possible
for contaminants to work their way into the active area of the device while under
pressure in the presence of water. For that reason, the devices and test board are
cleaned prior to use. Then, throughout the course of the testing, the parts and the test
boards are never brought into contact with human contaminant.
IGBT / CoPack
Quarterly Reliability Report
Page 29 of 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com