Electronic Components Datasheet Search
  English  ▼

X  

TC4028BFN Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC4028BFN
Description  BCD-to-Decimal Decoder
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4028BFN Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC4028BFN Datasheet HTML 1Page - Toshiba Semiconductor TC4028BFN Datasheet HTML 2Page - Toshiba Semiconductor TC4028BFN Datasheet HTML 3Page - Toshiba Semiconductor TC4028BFN Datasheet HTML 4Page - Toshiba Semiconductor TC4028BFN Datasheet HTML 5Page - Toshiba Semiconductor TC4028BFN Datasheet HTML 6Page - Toshiba Semiconductor TC4028BFN Datasheet HTML 7Page - Toshiba Semiconductor TC4028BFN Datasheet HTML 8Page - Toshiba Semiconductor TC4028BFN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC4028BP/BF/BFN
2007-10-01
4
Static Electrical Characteristics (VSS = 0 V)
Test Condition
−40°C
25°C
85°C
Characteristics
Sym-
bol
VDD
(V)
Min
Max
Min
Typ.
Max
Min
Max
Unit
High-level output
voltage
VOH
⎪IOUT⎪ < 1 μA
VIN = VSS, VDD
5
10
15
4.95
9.95
14.95
⎯
⎯
⎯
4.95
9.95
14.95
5.00
10.00
15.00
⎯
⎯
⎯
4.95
9.95
14.95
⎯
⎯
⎯
V
Low-level output
voltage
VOL
⎪IOUT⎪ < 1 μA
VIN = VSS, VDD
5
10
15
⎯
⎯
⎯
0.05
0.05
0.05
⎯
⎯
⎯
0.00
0.00
0.00
0.05
0.05
0.05
⎯
⎯
⎯
0.05
0.05
0.05
V
VOH = 4.6 V
VOH = 2.5 V
VOH = 9.5 V
VOH = 13.5 V
5
5
10
15
−0.61
−2.50
−1.50
−4.00
⎯
⎯
⎯
⎯
−0.51
−2.10
−1.30
−3.40
−1.0
−4.0
−2.2
−9.0
⎯
⎯
⎯
⎯
−0.42
−1.70
−1.10
−2.80
⎯
⎯
⎯
⎯
Output high current
IOH
VIN = VSS, VDD
mA
VOL = 0.4 V
VOL = 0.5 V
VOL = 1.5 V
5
10
15
0.61
1.50
4.00
⎯
⎯
⎯
0.51
1.30
3.40
1.2
3.2
12.0
⎯
⎯
⎯
0.42
1.10
2.80
⎯
⎯
⎯
Output low current
IOL
VIN = VSS, VDD
mA
VOUT = 0.5 V, 4.5 V
VOUT = 1.0 V, 9.0 V
VOUT = 1.5 V, 13.5 V
5
10
15
3.5
7.0
11.0
⎯
⎯
⎯
3.5
7.0
11.0
2.75
5.50
8.25
⎯
⎯
⎯
3.5
7.0
11.0
⎯
⎯
⎯
Input high voltage
VIH
⎪IOUT⎪ < 1 μA
V
VOUT = 0.5 V, 4.5 V
VOUT = 1.0 V, 9.0 V
VOUT = 1.5 V, 13.5 V
5
10
15
⎯
⎯
⎯
1.5
3.0
4.0
⎯
⎯
⎯
2.25
4.50
6.75
1.5
3.0
4.0
⎯
⎯
⎯
1.5
3.0
4.0
Input low voltage
VIL
⎪IOUT⎪ < 1 μA
V
“H” level
IIH
VIH = 18 V
18
⎯
0.1
⎯
10−
5
0.1
⎯
1.0
Input
current
“L” level
IIL
VIL = 0 V
18
⎯
−0.1
⎯
−10−5
−0.1
⎯
−1.0
μA
Quiescent supply
current
IDD
VIN = VSS, VDD
(Note)
5
10
15
⎯
⎯
⎯
5
10
20
⎯
⎯
⎯
0.005
0.010
0.015
5
10
20
⎯
⎯
⎯
150
300
600
μA
Note: All valid input combinations.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com