Electronic Components Datasheet Search
  English  ▼

X  

ADP1762 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP1762
Description  2 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1762 Datasheet(HTML) 2 Page - Analog Devices

  ADP1762 Datasheet HTML 1Page - Analog Devices ADP1762 Datasheet HTML 2Page - Analog Devices ADP1762 Datasheet HTML 3Page - Analog Devices ADP1762 Datasheet HTML 4Page - Analog Devices ADP1762 Datasheet HTML 5Page - Analog Devices ADP1762 Datasheet HTML 6Page - Analog Devices ADP1762 Datasheet HTML 7Page - Analog Devices ADP1762 Datasheet HTML 8Page - Analog Devices ADP1762 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ADP1762
Data Sheet
Rev. D | Page 2 of 19
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications ...................................................................................... 1
 
General Description ......................................................................... 1
 
Typical Application Circuits........................................................... 1
 
Revision History ............................................................................... 2
 
Specifications .................................................................................... 3
 
Input and Output Capacitor: Recommended Specifications. 4
 
Absolute Maximum Ratings ........................................................... 5
 
Thermal Data ................................................................................ 5
 
Thermal Resistance/Parameter .................................................. 5
 
ESD Caution.................................................................................. 5
 
Pin Configuration and Function Descriptions ............................ 6
 
Typical Performance Characteristics............................................. 7
 
Theory of Operation ...................................................................... 11
 
Soft Start Function ..................................................................... 11
 
Adjustable Output Voltage ....................................................... 12
 
Enable Feature ............................................................................ 12
 
Power-Good (PG) Feature........................................................ 12
 
Applications Information ............................................................. 13
 
Capacitor Selection .................................................................... 13
 
Undervoltage Lockout............................................................... 14
 
Current-Limit and Thermal Overload Protection ................ 14
 
Thermal Considerations ........................................................... 14
 
PCB Layout Considerations ..................................................... 17
 
Outline Dimensions....................................................................... 18
 
Ordering Guide .......................................................................... 18
 
Automotive Products ................................................................ 19
 
REVISION HISTORY
3/2021—Rev. C to Rev. D
Changes to Features Section ........................................................... 1
Change to Undervoltage Lockout, Hysteresis Parameter,
Table 2................................................................................................ 4
Changes to Ordering Guide.......................................................... 18
Added Automotive Products Section .......................................... 19
3/2020—Rev. B to Rev. C
Changes to Thermal Data Section, Thermal
Resistance/Parameter Section, and Table 5 .................................. 5
3/2019—Rev. A to Rev. B
Changes to Figure 25 ..................................................................... 11
9/2016—Rev. 0 to Rev. A
Changes to Figure 23 and Figure 24 ............................................ 11
4/2016—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com