Electronic Components Datasheet Search
  English  ▼

X  

ADP1761 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1761
Description  2 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1761 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1761 Datasheet HTML 3Page - Analog Devices ADP1761 Datasheet HTML 4Page - Analog Devices ADP1761 Datasheet HTML 5Page - Analog Devices ADP1761 Datasheet HTML 6Page - Analog Devices ADP1761 Datasheet HTML 7Page - Analog Devices ADP1761 Datasheet HTML 8Page - Analog Devices ADP1761 Datasheet HTML 9Page - Analog Devices ADP1761 Datasheet HTML 10Page - Analog Devices ADP1761 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
ADP1762
Rev. D | Page 7 of 19
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 1.5 V, VOUT = 1.3 V, TA = 25°C, unless otherwise noted.
1.295
1.297
1.299
1.301
1.303
1.305
–50
–25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (°C)
NO LOAD
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 1A
ILOAD = 2A
Figure 4. Output Voltage (VOUT) vs. Junction Temperature
1.3015
1.3020
1.3025
1.3030
1.3035
0.01
0.1
1
10
LOAD CURRENT (A)
Figure 5. Output Voltage (VOUT) vs. Load Current
1.298
1.300
1.302
1.304
1.306
1.308
1.310
1.51.6
1.71.8
1.9
2.0
INPUT VOLTAGE (V)
ILOAD = 100mA
ILOAD = 1A
ILOAD = 1.5A
ILOAD = 2A
Figure 6. Output Voltage vs. Input Voltage
0
2
4
6
8
10
12
14
–50
–25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (°C)
NO LOAD
ILOAD = 100mA
ILOAD = 1A
ILOAD = 10mA
ILOAD = 500mA
ILOAD = 2A
Figure 7. Ground Current vs. Junction Temperature
0
2
4
6
8
10
12
0.01
0.1
1
10
LOAD CURRENT (A)
Figure 8. Ground Current vs. Load Current
0
2
4
6
8
10
12
1.5
1.6
1.7
1.8
1.9
2
INPUT VOLTAGE (V)
NO LOAD
ILOAD = 100mA
ILOAD = 1A
ILOAD = 10mA
ILOAD = 500mA
ILOAD = 2A
Figure 9. Ground Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com