Electronic Components Datasheet Search
  English  ▼

X  

ADP1752 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1752
Description  2 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1752 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1752 Datasheet HTML 4Page - Analog Devices ADP1752 Datasheet HTML 5Page - Analog Devices ADP1752 Datasheet HTML 6Page - Analog Devices ADP1752 Datasheet HTML 7Page - Analog Devices ADP1752 Datasheet HTML 8Page - Analog Devices ADP1752 Datasheet HTML 9Page - Analog Devices ADP1752 Datasheet HTML 10Page - Analog Devices ADP1752 Datasheet HTML 11Page - Analog Devices ADP1752 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ADP1762
Data Sheet
Rev. D | Page 8 of 19
–20
0
20
40
60
80
100
120
140
160
180
200
–50
–25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (°C)
VIN = 1.5V
VIN = 1.7V
VIN = 1.9V
VIN = 1.6V
VIN = 1.8V
VIN = 1.98V
Figure 10. Shutdown Current vs. Junction Temperature at
Various Input Voltages (VIN)
0
10
20
30
40
50
60
70
0.1
1
10
LOAD CURRENT (A)
Figure 11. Dropout Voltage vs. Load Current, VOUT = 1.3 V
1.10
1.15
1.20
1.25
1.30
1.35
1.2
1.3
1.4
1.5
INPUT VOLTAGE (V)
ILOAD = 100mA
ILOAD = 1A
ILOAD = 1.5A
ILOAD = 2A
Figure 12. Output Voltage vs. Input Voltage (in Dropout), VOUT = 1.3 V
0
2
4
6
8
10
12
1.1
1.2
1.3
1.4
1.5
1.6
INPUT VOLTAGE (V)
NO LOAD
ILOAD = 100mA
ILOAD = 1A
ILOAD = 10mA
ILOAD = 500mA
ILOAD = 2A
Figure 13. Ground Current vs. Input Voltage (in Dropout), VOUT = 1.3 V
CH1 50.0mV
CH2 1.00A
M4.00µs
A CH2
640mA
1
2
T 18.70%
B
W
ILOAD
VOUT
3A/µs SLEW RATE
Figure 14. Load Transient Response, COUT = 10 μF, VIN = 1.7 V, VOUT = 1.3V
CH1 50.0mV
CH2 1.00A
M4.00µs
A CH2
640mA
1
2
T 19.00%
ILOAD
3A/µs SLEW RATE
VIN
Figure 15. Load Transient Response, COUT = 47 μF, VIN = 1.7 V, VOUT = 1.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com