Electronic Components Datasheet Search
  English  ▼

X  

ADP1753 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1753
Description  2 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1753 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1753 Datasheet HTML 5Page - Analog Devices ADP1753 Datasheet HTML 6Page - Analog Devices ADP1753 Datasheet HTML 7Page - Analog Devices ADP1753 Datasheet HTML 8Page - Analog Devices ADP1753 Datasheet HTML 9Page - Analog Devices ADP1753 Datasheet HTML 10Page - Analog Devices ADP1753 Datasheet HTML 11Page - Analog Devices ADP1753 Datasheet HTML 12Page - Analog Devices ADP1753 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
ADP1762
Rev. D | Page 9 of 19
CH1 5.00mV
CH2 500mV M2.00µs
A CH2
1.68V
1
2
T 17.50%
VIN
VOUT
1V/µs SLEW RATE
Figure 16. Line Transient Response, Load Current = 2 A,
VIN = 1.5 V to 1.98 V Step, VOUT = 1.3 V
0
2
4
6
8
10
12
14
16
0.1
1
10
LOAD CURRENT (A)
VOUT = 1.3V (10Hz TO 100kHz)
VOUT = 1.3V (100Hz TO 100kHz)
Figure 17. Noise vs. Load Current for Various Output Voltages
0.1
1
10
100
1k
10k
10
100
1k
10k
100k
FREQUENCY (Hz)
VOUT = 0.9V
VOUT = 1.3V
VOUT = 1.5V
Figure 18. Noise Spectral Density vs. Frequency for Various Output Voltages,
ILOAD = 100 mA
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VIN = 1.1V
VIN = 1.2V
VIN = 1.3V
VIN = 1.4V
VIN = 1.5V
VIN = 1.6V
Figure 19. Power Supply Rejection Ratio (PSRR) vs. Frequency for Various VIN,
VOUT = 0.9 V, Load Current = 2 A
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VIN = 1.5V
VIN = 1.6V
VIN = 1.7V
VIN = 1.8V
VIN = 1.9V
VIN = 1.98V
Figure 20. Power Supply Rejection Ratio (PSRR) vs. Frequency for
Various VIN, VOUT = 1.3 V, Load Current = 2 A
VIN = 1.7V
VIN = 1.8V
VIN = 1.9V
VIN = 1.98V
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 21. Power Supply Rejection Ratio (PSRR) vs. Frequency for
Various VIN, VOUT = 1.5 V, Load Current = 2 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com