Electronic Components Datasheet Search
  English  ▼

X  

ADRF5010 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5010
Description  Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5010 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5010 Datasheet HTML 1Page - Analog Devices ADRF5010 Datasheet HTML 2Page - Analog Devices ADRF5010 Datasheet HTML 3Page - Analog Devices ADRF5010 Datasheet HTML 4Page - Analog Devices ADRF5010 Datasheet HTML 5Page - Analog Devices ADRF5010 Datasheet HTML 6Page - Analog Devices ADRF5010 Datasheet HTML 7Page - Analog Devices ADRF5010 Datasheet HTML 8Page - Analog Devices ADRF5010 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADRF5010
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 12
For recommended operating conditions, see Table 1.
Table 3. Absolute Maximum Ratings
Parameter
Rating
Positive Supply Voltage
−0.3 V to +3.6 V
Negative Supply Voltage
−3.6 V to +0.3 V
Digital Control Input1
Voltage
−0.3 V to VDD + 0.3 V
Current
3 mA
RF Input Power, Dual Supply2 (VDD = 3.3 V, VSS =
−3.3 V, f = 0.1 GHz to 55 GHz, TCASE = 85°C3)
Through Path
37 dBm
Terminated Path
33.5 dBm
Hot Switching (RF1/2 to Termination)
33.5 dBm
RF Input Power, Single Supply (VDD = 3.3 V, VSS
= 0 V, f = 0.1 GHz to 55 GHz, TCASE = 85°C3)
Through Path
20 dBm
Terminated Path
20 dBm
Hot Switching (RF1/2 to Termination)
20 dBm
RF Input Power, Unbiased
(VDD, VSS = 0 V)
30 dBm
Temperature
Junction, TJ
135°C
Storage
−65°C to +150°C
Reflow
260°C
1 Overvoltages at the digital control input are clamped by internal diodes.
Current must be limited to the maximum rating given.
2 For power derating over frequency, see Figure 2.
3 For 105°C operation, the power handling degrades from the TCASE = 85°C
specification by 3 dB for dual supply.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
Only one absolute maximum rating can be applied at a time.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the junction-to-case bottom (channel-to-package bottom)
thermal resistance.
Table 4. Thermal Resistance
Package Type
θJC1
Unit
CC-14-5
Through Path
135
°C/W
Terminated Path
50
°C/W
1 θJC was determined by simulation under the following conditions: The heat
transfer is due solely to the thermal conduction from the channel through the
ground pad to the PCB, and the ground pad is held constant at the operating
temperature of 85°C.
POWER DERATING CURVES
Figure 2. Power Derating vs. Frequency, Low Frequency Detail, TCASE = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com