Electronic Components Datasheet Search
  English  ▼

X  

ADRF6780S-CSL Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6780S-CSL
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780S-CSL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6780S-CSL Datasheet HTML 5Page - Analog Devices ADRF6780S-CSL Datasheet HTML 6Page - Analog Devices ADRF6780S-CSL Datasheet HTML 7Page - Analog Devices ADRF6780S-CSL Datasheet HTML 8Page - Analog Devices ADRF6780S-CSL Datasheet HTML 9Page - Analog Devices ADRF6780S-CSL Datasheet HTML 10Page - Analog Devices ADRF6780S-CSL Datasheet HTML 11Page - Analog Devices ADRF6780S-CSL Datasheet HTML 12Page - Analog Devices ADRF6780S-CSL Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
ADRF6780S-CSL
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 9 of 13
Table 3. Absolute Maximum Ratings
Parameter
Rating
Supply Voltage
VPDT and VPRF
6.5 V
VPBB, VPLO, and VPBI
4.3 V
VP18
2.0 V
Temperature
Maximum Junction
125°C
Operating Range
−40°C to +85°C
Storage Range
−55°C to +125°C
Lead Range (Soldering 60 sec)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and operating
environment. Careful attention to PCB thermal design is required.
θJA is thermal resistance, junction to ambient (°C/W), and θJC, TOP
and θJC, BOT are the top and bottom thermal resistance, junction to
case (°C/W).
Table 4. Thermal Resistance
Package Type1
θJA
θJC, TOP
θJC, BOT
Unit
CP-32-20
32.5
23.0
1.7
°C/W
1 See JEDEC Standard JESD51-2 for additional information on optimizing the
thermal impedance (printed circuit board (PCB) with 3 × 3 vias).
OUTGAS TESTING
The criteria used for the acceptance and rejection of materials must
be determined by the user and based upon specific component and
system requirements. Historically, a total mass loss (TML) of 1.00%
and collected volatile condensable material (CVCM) of 0.10% have
been used as screening levels for rejection of spacecraft materials.
Table 5. Outgas Testing
Specification (Tested per ASTM E595-15)
Value
Unit
Total Mass Lost
0.03
%
Collected Volatile Condensable Material
0.01
%
Water Vapor Recovered
0.03
%
RADIATION FEATURES
Table 6. Radiation Features
Specifications
Value
Unit
Maximum Total Dose Available (Dose Rate =
50 rad (Si)/sec to 300 rad (Si)/sec)1
100
krad (Si)
1 Guaranteed by device and process characterization. Contact Analog Devices,
Inc, Technical Support for data available up to 100 krads.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for ADRF6780S-CSL
Table 7. ADRF6780S-CSL, 32-Lead LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
±500
1B
CDM
±12501
C3
±5002
C2a
1 For all pins except the RF pins (RFOP, RFON, BBQN, BBQP, BBIP, BBIN,
IFIN, IFIP, LOIN, and LOIP).
2 For all pins.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com