Electronic Components Datasheet Search
  English  ▼

X  

ADRV9002 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRV9002
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRV9002 Datasheet HTML 3Page - Analog Devices ADRV9002 Datasheet HTML 4Page - Analog Devices ADRV9002 Datasheet HTML 5Page - Analog Devices ADRV9002 Datasheet HTML 6Page - Analog Devices ADRV9002 Datasheet HTML 7Page - Analog Devices ADRV9002 Datasheet HTML 8Page - Analog Devices ADRV9002 Datasheet HTML 9Page - Analog Devices ADRV9002 Datasheet HTML 10Page - Analog Devices ADRV9002 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
Data Sheet
ADRV9002
SPECIFICATIONS
analog.com
Rev. A | 7 of 100
Table 2. Receivers (Rx1A, Rx1B, Rx2A, and Rx2B)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
0.1
dB
Attenuation step from 30 dB to 34 dB
FREQUENCY RESPONSE
Peak-to-Peak Gain Deviation
1
dB
40 MHz bandwidth including digital compensation
0.2
dB
Any 10 MHz span including digital compensation
RECEIVER BANDWIDTH
0.012
40
MHz
Zero-IF mode, the analog low-pass filter (LPF) bandwidth is 5 MHz
minimum, the programmable finite impulse response (FIR) filter bandwidth
is configurable over the entire range
RECEIVER ALIAS BAND REJECTION
80
dB
This performance is achieved because of the digital filters
CONTINUOUS WAVE FULL-SCALE
INPUT POWER1
FSIP
−11.4
dBm
This continuous wave signal level corresponds to the input power at
maximum gain that produces 0 dBFS at the ADC output, this level increases
dB for dB with attenuation, backoff by at least −2 dBFS is required
INPUT IMPEDANCE
100
Ω
Differential, see the ADRV9001 system development user guide for more
information
INPUT PORT RETURN LOSS
Single-ended return loss measured with balun in place on board
30 MHz
20
dB
470 MHz
21
dB
900 MHz
20
dB
2400 MHz
22
dB
3500 MHz
9
dB
5800 MHz
10
dB
NOISE FIGURE
High Performance Receiver ADCs
Wideband
NFWB
0 dB attenuation at the device under test (DUT) receive port, integrated
bandwidth from 8 MHz to 9 MHz
50 MHz
11.6
dB
470 MHz
10.6
dB
900 MHz
10.5
dB
2400 MHz
11.4
dB
3500 MHz
12.5
dB
5800 MHz
12.6
dB
Narrow-Band
NFNB
0 dB attenuation at the device under test (DUT) receive port, integrated
bandwidth from 4 kHz to 8 kHz, 18 dB interface gain, intermediate
frequency (IF) = 490 kHz
30 MHz
13.8
dB
470 MHz
11.8
dB
900 MHz
11.8
dB
2400 MHz
12.3
dB
3500 MHz
14.2
dB
5800 MHz
15.1
dB
Low Power Receiver ADCs
Wideband
NFWB
0 dB attenuation at the DUT receive port, integrated bandwidth from 8 MHz
to 9 MHz
50 MHz
13.1
dB
470 MHz
11.9
dB
900 MHz
12.0
dB
2400 MHz
12.6
dB
3500 MHz
13.6
dB
5800 MHz
13.9
dB
Narrow-Band
NFNB
0 dB attenuation at the DUT receive port, integrated bandwidth from 4 kHz
to 8 kHz, 18 dB interface gain, IF = 490 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com