Electronic Components Datasheet Search
  English  ▼

X  

ADRV9002BBCZ Datasheet(PDF) 40 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 40 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 36Page - Analog Devices ADRV9002BBCZ Datasheet HTML 37Page - Analog Devices ADRV9002BBCZ Datasheet HTML 38Page - Analog Devices ADRV9002BBCZ Datasheet HTML 39Page - Analog Devices ADRV9002BBCZ Datasheet HTML 40Page - Analog Devices ADRV9002BBCZ Datasheet HTML 41Page - Analog Devices ADRV9002BBCZ Datasheet HTML 42Page - Analog Devices ADRV9002BBCZ Datasheet HTML 43Page - Analog Devices ADRV9002BBCZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 100 page
background image
Data Sheet
ADRV9002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 40 of 100
900 MHz LO
The temperature settings refer to the die temperature. All LO frequencies set to 900 MHz, unless otherwise noted.
Figure 76. Receiver Absolute Gain (Complex) vs. Gain Index, Baseband
Frequency = 5.6 MHz, ADC = High Performance, POUT = −9.6 dBFS
Figure 77. Receiver Noise Figure vs. Gain Index, Baseband Frequency =
5.6 MHz, ADC = High Performance
Figure 78. Receiver Noise Figure vs. Gain Index, Baseband Frequency =
5.6 MHz, ADC = Low Power
Figure 79. Receiver Image Rejection vs. DUT Junction Temperature (Low to
High), Tone 1 Baseband Frequency = −5.1 MHz, Tone 2 Baseband Frequency
= 13.9 MHz, ADC = High Performance, POUT = −11.1 dBFS
Figure 80. Receiver Image Rejection vs. DUT Junction Temperature (Low to
High), Tone 1 Baseband Frequency = −5.1 MHz, Tone 2 Baseband Frequency
= 13.9 MHz, ADC = Low Power, POUT = −11.1 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com