Electronic Components Datasheet Search
  English  ▼

X  

CB1 Datasheet(PDF) 1 Page - Multicomp Pro

Part # CB1
Description  Ceramic Bead Spacers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CB1 Datasheet(HTML) 1 Page - Multicomp Pro

  CB1 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
09/09/19
Ceramic Bead Spacers
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Dimensions : Millimetres
Dimension Table
Part number Outer Diameter Inner Diameter Length
CB1
4
1.5
4
CB2
4
2
4
CB3
5
2.5
5
CB4
6
2
6
CB5
6
2.7
6.5
CB6
7
3.5
7
CB7
8
4
8
CB8
9
4.5
8.5
CB9
9.5
5.2
8
CB10
10.5
5.5
9
CB11
13
7.5
9
CB12
16.5
8.5
10
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Ceramic Bead, Round, 4mm × 1.5mm × 4mm
CB1
Ceramic Bead, Round, 4mm × 2mm × 4mm
CB2
Ceramic Bead, Round, 5mm × 2.5mm × 5mm
CB3
Ceramic Bead, Round, 6mm × 2mm × 6mm
CB4
Ceramic Bead, Round, 6mm × 2.7mm × 6.5mm
CB5
Ceramic Bead, Round, 7mm × 3.5mm × 7mm
CB6
Ceramic Bead, Round, 8mm × 4mm × 8mm
CB7
Ceramic Bead, Round, 9mm × 4.5mm × 8.5mm
CB8
Ceramic Bead, Round, 9.5mm × 5.2mm × 8mm
CB9
Ceramic Bead, Round, 10.5mm × 5.5mm × 9mm
CB10
Ceramic Bead, Round, 13mm × 7.5mm × 9mm
CB11
Ceramic Bead, Round, 16.5mm × 8.5mm × 10mm
CB12


Similar Part No. - CB1

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CB1 JAE-CB1 Datasheet
124Kb / 3P
IEC60169-29(Type 0.1/2.3) Standard Compatible Coaxial Connector
logo
Nais(Matsushita Electri...
CB1-12V NAIS-CB1-12V Datasheet
121Kb / 4P
HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1-12V PANASONIC-CB1-12V Datasheet
138Kb / 8P
MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
CB1-12V PANASONIC-CB1-12V Datasheet
185Kb / 9P
MINI-ISO AUTOMOTIVE RELAY
logo
Nais(Matsushita Electri...
CB1-24V NAIS-CB1-24V Datasheet
121Kb / 4P
HIGH POWER AUTOMOTIVE RELAY
More results

Similar Description - CB1

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
LEDS1-4-26 RICHCO-LEDS1-4-26 Datasheet
57Kb / 1P
LED SPACERS
logo
List of Unclassifed Man...
1483 ETC2-1483 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
Richco, Inc.
R910-4 RICHCO-R910-4 Datasheet
26Kb / 1P
NYLON SPACERS
logo
Harwin Plc
R40-6000402 HARWIN-R40-6000402 Datasheet
2Mb / 1P
Metric Spacers
logo
List of Unclassifed Man...
D01501 ETC2-D01501 Datasheet
25Kb / 1P
Duratool Spacers
LEDS1-3-26 ETC2-LEDS1-3-26 Datasheet
57Kb / 1P
LED SPACERS
logo
Richco, Inc.
R911-5 RICHCO-R911-5 Datasheet
26Kb / 1P
NYLON SPACERS
logo
Harwin Plc
R30-9401000 HARWIN-R30-9401000 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401400 HARWIN-R30-9401400 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R40-6710594 HARWIN-R40-6710594 Datasheet
88Kb / 1P
Metric Spacers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com