Electronic Components Datasheet Search
  English  ▼

X  

9855-R5K-L2.0 Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # 9855-R5K-L2.0
Description  ROTARY POSITION SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

9855-R5K-L2.0 Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  9855-R5K-L2.0 Datasheet HTML 1Page - Sensata Technologies, Inc. 9855-R5K-L2.0 Datasheet HTML 2Page - Sensata Technologies, Inc. 9855-R5K-L2.0 Datasheet HTML 3Page - Sensata Technologies, Inc. 9855-R5K-L2.0 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.sensata.com
Page 3
Copyright © 2018 Sensata Technologies, Inc.
Models 9851-9858 – Single Output (3-Pin)
Fig.1
Table A
Fig.2
Mating Connector/Interface Information:
Single Output (3-pin)
Note: For rotation outside active
electrical rotation, linearity may
exceed specified tolerances.
Sensor mates with Packard Electric METRI-Pack™ Series 150 Connectors
Dual Output (6-pin)
Models 9861-9864 – Dual Output (6-Pin)
Model Mechanical
Rotation
Active
Electrical
Rotation
Rotation*
Direction
Mounting1
Hole
9851
120°
85°
CW
S
9852
120°
85°
CCW
S
9853
120°
85°
CW
R
9854
120°
85°
CCW
R
9855
180°
130°
CW
S
9856
180°
130°
CCW
S
9857
180°
130°
CW
R
9858
180°
130°
CCW
R
Model Mechanical
Rotation
Active
Electrical
Rotation
Rotation*
Direction
Mounting1
Hole
9861
120°
85°
CW
S
9862
120°
85°
CCW
S
9863
120°
85°
CW
R
9864
120°
85°
CCW
R
A
B
C
A
B
C
D
E
F
Active Electrical Rotation
is 10-90% of total
electrical rotation
100%
90%
80%
70%
60%
50%
40%
30%
20%
10%
0%
Mechanical Rotation(˚)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com