Electronic Components Datasheet Search
  English  ▼

X  

ATS22C Datasheet(PDF) 1 Page - YAGEO Corporation

Part # ATS22C
Description  Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ATS22C Datasheet(HTML) 1 Page - YAGEO Corporation

  ATS22C Datasheet HTML 1Page - YAGEO Corporation ATS22C Datasheet HTML 2Page - YAGEO Corporation ATS22C Datasheet HTML 3Page - YAGEO Corporation ATS22C Datasheet HTML 4Page - YAGEO Corporation ATS22C Datasheet HTML 5Page - YAGEO Corporation ATS22C Datasheet HTML 6Page - YAGEO Corporation ATS22C Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
TRANSIENT VOLTAGE SUPPRESSORS
AC/DC POWER SUPPLY
ATS series
RoHS compliant & Halogen free


Similar Part No. - ATS22C

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ATS22C YAGEO-ATS22C Datasheet
426Kb / 7P
Transient Voltage Suppressors (TVS)
Jul. 05, 2023 V.3
logo
List of Unclassifed Man...
ATS22C17Q ETC2-ATS22C17Q Datasheet
259Kb / 9P
soft starter-ATS22-control 220V-power 230V(45kW)/400...440V(90kW)
logo
Schneider Electric
ATS22C25Q SCHNEIDER-ATS22C25Q Datasheet
231Kb / 10P
soft starter-ATS22-control 220V-power
Aug 9, 2019
ATS22C25S6U SCHNEIDER-ATS22C25S6U Datasheet
232Kb / 11P
ATS22 - control 110 V - power 208 V (75hp)
Jan 6, 2022
ATS22C41Q SCHNEIDER-ATS22C41Q Datasheet
231Kb / 10P
soft starter-ATS22-control 220V-power 230V(110kW)/400...440V(220kW)
Aug 9, 2019
More results

Similar Description - ATS22C

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ10A SOCAY-SMAJ10A Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ10CA SOCAY-SMAJ10CA Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ11 SOCAY-SMAJ11 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ11C SOCAY-SMAJ11C Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ12 SOCAY-SMAJ12 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ SOCAY-SMAJ Datasheet
1Mb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com