Electronic Components Datasheet Search
  English  ▼

X  

0802690 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0802690
Description  EMLP (17,5X15)R CUS - Label
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802690 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0802690 Datasheet HTML 1Page - PHOENIX CONTACT 0802690 Datasheet HTML 2Page - PHOENIX CONTACT 0802690 Datasheet HTML 3Page - PHOENIX CONTACT 0802690 Datasheet HTML 4Page - PHOENIX CONTACT 0802690 Datasheet HTML 5Page - PHOENIX CONTACT 0802690 Datasheet HTML 6Page - PHOENIX CONTACT 0802690 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Labeled device marker
Marking
Number of individual labels per row
6
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
EN ISO 1518-1:2023 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2020-12 (following)
Result
Test passed
UV resistance
Specification
DIN EN ISO 4892-2:2021-11 (following)
Result
Test passed
Test duration
96 h
Temperature resistance
Specification
ANSI/UL 969-2018:03 (following)
Test duration
240 h
Rating 150 °C (180 °C)
Test passed
Wipe resistance of inscriptions
DIN EN 61010-1 (VDE 0411-01):2020-03
Specification
DIN EN 62208 (VDE 0660-511):2012-06 (in parts)
Isopropyl
[CAS No. 67-63-0]
Test passed
n-Hexane
[CAS No. 110-54-3]
Test passed
Water + Petroleum ether
[CAS No. 64742-82-1]
Test passed
Sodium hydroxide 0.1 mol/l
[CAS No. 1310-73-2]
Test passed
Ethanol (99 %)
[CAS No. 64-17-5]
Test passed
EMLP (17,5X15)R CUS - Label
0802690
https://www.phoenixcontact.com/us/products/0802690
Jun 5, 2025, 5:20AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com