Electronic Components Datasheet Search
  English  ▼

X  

0802698 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0802698
Description  EML (100X40)R CUS - Label
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802698 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0802698 Datasheet HTML 1Page - PHOENIX CONTACT 0802698 Datasheet HTML 2Page - PHOENIX CONTACT 0802698 Datasheet HTML 3Page - PHOENIX CONTACT 0802698 Datasheet HTML 4Page - PHOENIX CONTACT 0802698 Datasheet HTML 5Page - PHOENIX CONTACT 0802698 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label, can be ordered: by line, white, labeled according to customer specifications, mounting
type: adhesive, text field height: 40 mm, text field width: 100 mm
Your advantages
The EML … self-adhesive device markers are particularly suitable for identification of various types of equipment in controller, system, and control
cabinet building
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The EML ... materials are UL-listed
•
A wide range of marker sizes and colors are available for custom designs
•
Labeling service: Phoenix Contact can custom-label all EM ... markers in accordance with your requirements
•
Commercial data
Item number
0802698
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8141
Catalog page
Page 272 (C-5-2013)
GTIN
4046356857130
Weight per piece (including packing)
1.99 g
Weight per piece (excluding packing)
1.99 g
Country of origin
PL
EML (100X40)R CUS - Label
0802698
https://www.phoenixcontact.com/us/products/0802698
Jun 5, 2025, 4:11AM
Page 1 (6)


Similar Part No. - 0802698

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802690 PHOENIX-0802690 Datasheet
195Kb / 7P
EMLP (17,5X15)R CUS - Label
0802691 PHOENIX-0802691 Datasheet
185Kb / 5P
EMLP (17,5X15)R SR CUS - Label
0802692 PHOENIX-0802692 Datasheet
189Kb / 7P
EMLP (EX15)R CUS - Label
0802694 PHOENIX-0802694 Datasheet
180Kb / 5P
EMLP (EX15)R SR CUS - Label
0802695 PHOENIX-0802695 Datasheet
190Kb / 7P
EMLP (EX30)R CUS - Label
More results

Similar Description - 0802698

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803137 PHOENIX-0803137 Datasheet
51Kb / 3P
Label - EML (105X23)R
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0830485 PHOENIX-0830485 Datasheet
54Kb / 4P
Label - EML (75X10)R
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0801841 PHOENIX-0801841 Datasheet
47Kb / 3P
Label - EML (25,4X12,7)R TR
0802697 PHOENIX-0802697 Datasheet
49Kb / 3P
Label - EML (100X40)R SR
0815596 PHOENIX-0815596 Datasheet
47Kb / 3P
Label - EML (110XE)R
0815693 PHOENIX-0815693 Datasheet
47Kb / 3P
Label - EML (26,5X17,5)R GN
0830481 PHOENIX-0830481 Datasheet
49Kb / 3P
Label - EML (40X6)R
0830483 PHOENIX-0830483 Datasheet
49Kb / 3P
Label - EML (50X10)R
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com