Electronic Components Datasheet Search
  English  ▼

X  

0802730 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0802730
Description  EMLP (45X25)R CUS - Label
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802730 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0802730 Datasheet HTML 1Page - PHOENIX CONTACT 0802730 Datasheet HTML 2Page - PHOENIX CONTACT 0802730 Datasheet HTML 3Page - PHOENIX CONTACT 0802730 Datasheet HTML 4Page - PHOENIX CONTACT 0802730 Datasheet HTML 5Page - PHOENIX CONTACT 0802730 Datasheet HTML 6Page - PHOENIX CONTACT 0802730 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label, can be ordered: by line, white, labeled according to customer specifications, mounting
type: adhesive, text field height: 25 mm, text field width: 45 mm
Your advantages
The EMLP ... self-adhesive markers are particularly suited to marking electrical components, devices, and buttons
•
The markers meet the same standards as the engraved labels, they provide high-quality visuals
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
Labeling service: Phoenix Contact can custom-label all EMLP ... markers in accordance with your requirements
•
Commercial data
Item number
0802730
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8141
Catalog page
Page 274 (C-5-2013)
GTIN
4046356855822
Weight per piece (including packing)
1.99 g
Weight per piece (excluding packing)
1.99 g
Country of origin
PL
EMLP (45X25)R CUS - Label
0802730
https://www.phoenixcontact.com/us/products/0802730
Jun 5, 2025, 5:36AM
Page 1 (7)


Similar Part No. - 0802730

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802731 PHOENIX-0802731 Datasheet
191Kb / 7P
EMLP (65X25)R CUS - Label
0802733 PHOENIX-0802733 Datasheet
197Kb / 7P
EML (18X7)RL YE - Label
0802734 PHOENIX-0802734 Datasheet
201Kb / 8P
EML (18X7)RL YE CUS - Label
0802736 PHOENIX-0802736 Datasheet
174Kb / 4P
BLUEMARK MAG EM-M (27X15) - Magazine
0802737 PHOENIX-0802737 Datasheet
173Kb / 4P
BLUEMARK MAG EM-M (27X18) - Magazine
More results

Similar Description - 0802730

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801820 PHOENIX-0801820 Datasheet
48Kb / 3P
Plastic label - EMLP (45X15)R
0802684 PHOENIX-0802684 Datasheet
47Kb / 3P
Plastic label - EMLP (17,5X15)R
0802686 PHOENIX-0802686 Datasheet
47Kb / 3P
Plastic label - EMLP (EX15)R
0802688 PHOENIX-0802688 Datasheet
47Kb / 3P
Plastic label - EMLP (EX30)R
0802727 PHOENIX-0802727 Datasheet
47Kb / 3P
Plastic label - EMLP (45X25)R
0802728 PHOENIX-0802728 Datasheet
47Kb / 3P
Plastic label - EMLP (65X25)R
0803277 PHOENIX-0803277 Datasheet
42Kb / 2P
Plastic label - EMLP (EX15)R BU
0824547 PHOENIX-0824547 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (11X9) CUS
0824562 PHOENIX-0824562 Datasheet
55Kb / 2P
Plastic label - UC-EMLP (60X30) CUS
0819505 PHOENIX-0819505 Datasheet
58Kb / 3P
Plastic label - EMLP (60X30)R
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com