Electronic Components Datasheet Search
  English  ▼

X  

0803229 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803229
Description  UC-EMLP (22X22)-EX CUS - Plastic label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803229 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803229 Datasheet HTML 1Page - PHOENIX CONTACT 0803229 Datasheet HTML 2Page - PHOENIX CONTACT 0803229 Datasheet HTML 3Page - PHOENIX CONTACT 0803229 Datasheet HTML 4Page - PHOENIX CONTACT 0803229 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Labeled device marker
Marking
Identification technology
UV LED technology
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
-40 °C ... 90 °C
Recommended storage conditions
20°C/50% relative humidity. Storage in the original packaging is
recommended.
Recommended ambient temperature (storage/transport)
20 °C
Recommended humidity (storage/transport)
50 %
Shelf life
12 months
Mounting
Mounting type
adhesive
Material specifications
RoHS compliant
yes
Adhesive strength
50 µm
Adhesive
Acrylic
Color
white (RAL 9010)
Material
PA
Flammability rating according to UL 94
V2
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
120 °C
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 2
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 2
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 2
Components
free from silicone and halogen
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UC-EMLP (22X22)-EX CUS - Plastic label
0803229
https://www.phoenixcontact.com/us/products/0803229
Jun 5, 2025, 4:26AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com